Electronic Components Datasheet Search
  English  ▼

X  

HMC263 Datasheet(PDF) 4 Page - Micross Components

Part # HMC263
Description  Millimeterwave Point-to-Point Radios
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC263 Datasheet(HTML) 4 Page - Micross Components

  HMC263 Datasheet HTML 1Page - Micross Components HMC263 Datasheet HTML 2Page - Micross Components HMC263 Datasheet HTML 3Page - Micross Components HMC263 Datasheet HTML 4Page - Micross Components HMC263 Datasheet HTML 5Page - Micross Components HMC263 Datasheet HTML 6Page - Micross Components HMC263 Datasheet HTML 7Page - Micross Components HMC263 Datasheet HTML 8Page - Micross Components HMC263 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1
1 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC263
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 36 GHz
v04.0907
General Description
Features
Functional Diagram
The HMC263 chip is a GaAs MMIC
Low Noise
Amplifier (LNA) which covers the frequency range of
24 to 36 GHz. The chip can easily be integrated into
Multi-Chip Modules (MCMs) due to its small (3.29
mm2) size. The chip utilizes a GaAs PHEMT process
offering 22 dB gain from a single bias supply of + 3V
@ 58 mA with a noise figure of 2.0 dB. All data is with
the chip in a 50 ohm test fixture connected via 0.076
mm (3 mil) diameter ribbon bonds of minimal length
0.31 mm (<12 mils). The HMC263 may be used in
conjunction with HMC264 or HMC265 mixers to real-
ize a millimeterwave system receiver.
Excellent Noise Figure: 2 dB
Gain: 22 dB
Single Supply: +3V @ 58 mA
Small Size: 2.48 x 1.33 x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd = +3V
Typical Applications
The HMC263 is ideal for:
• Millimeterwave Point-to-Point Radios
• LMDS
• VSAT
• SATCOM
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
24 - 27
27 - 32
32 - 36
GHz
Gain
20
23
26
18
22
26
17
20
23
dB
Gain Variation Over Temperature
0.03
0.04
0.03
0.04
0.03
0.04
dB/°C
Noise Figure
2.5
3.3
2.0
2.5
2.1
2.6
dB
Input Return Loss
7
10
7
10
7
10
dB
Output Return Loss
7
10
9
12
8
11
dB
Output Power for 1 dB Compression (P1dB)
-1
3
1
5
4
8
dBm
Saturated Output Power (Psat)
1
5
3
7
6
10
dBm
Output Third Order Intercept (IP3)
5
10
7
13
11
17
dBm
Supply Current (Idd) (@ Vdd = +3.0V)
58
77
58
77
58
77
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com