Electronic Components Datasheet Search
  English  ▼

X  

HMC337 Datasheet(PDF) 5 Page - Micross Components

Part # HMC337
Description  18 and 23 GHz Microwave Radios
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC337 Datasheet(HTML) 5 Page - Micross Components

  HMC337 Datasheet HTML 1Page - Micross Components HMC337 Datasheet HTML 2Page - Micross Components HMC337 Datasheet HTML 3Page - Micross Components HMC337 Datasheet HTML 4Page - Micross Components HMC337 Datasheet HTML 5Page - Micross Components HMC337 Datasheet HTML 6Page - Micross Components HMC337 Datasheet HTML 7Page - Micross Components HMC337 Datasheet HTML 8Page - Micross Components HMC337 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3
3 - 35
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
-60
-50
-40
-30
-20
-10
0
16
17
18
19
20
21
22
23
24
25
26
FREQUENCY (GHz)
RF/IF
LO/RF
LO/IF
2 LO/RF
2 LO/IF
-60
-50
-40
-30
-20
-10
0
16
17
18
19
20
21
22
23
24
25
26
FREQUENCY (GHz)
RF/IF
LO/RF
LO/IF
2 LO/RF
2 LO/IF
Conversion Gain vs.
Temperature @ LO = -5 dBm, Vdd= +4V
Conversion Gain vs.
Temperature @ LO = -5 dBm, Vdd= +3V
Conversion Gain
vs. LO Drive @ Vdd = +4V
Conversion Gain
vs. LO Drive @ Vdd = +3V
Isolation @ LO = -5 dBm, Vdd = +4V
Isolation @ LO = -5 dBm, Vdd = +3V
-20
-16
-12
-8
-4
0
16
17
18
19
20
21
22
23
24
25
26
-7 dBm
-5 dBm
-3 dBm
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
16
17
18
19
20
21
22
23
24
25
26
- 7 dBm
- 5 dBm
- 3 dBm
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
16
17
18
19
20
21
22
23
24
25
26
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
16
17
18
19
20
21
22
23
24
25
26
+25 C
+85 C
-55 C
FREQUENCY (GHz)
HMC337
v02.1007
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 17 - 25 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com