Electronic Components Datasheet Search
  English  ▼

X  

HMC337 Datasheet(PDF) 10 Page - Micross Components

Part # HMC337
Description  18 and 23 GHz Microwave Radios
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC337 Datasheet(HTML) 10 Page - Micross Components

Back Button HMC337 Datasheet HTML 3Page - Micross Components HMC337 Datasheet HTML 4Page - Micross Components HMC337 Datasheet HTML 5Page - Micross Components HMC337 Datasheet HTML 6Page - Micross Components HMC337 Datasheet HTML 7Page - Micross Components HMC337 Datasheet HTML 8Page - Micross Components HMC337 Datasheet HTML 9Page - Micross Components HMC337 Datasheet HTML 10Page - Micross Components HMC337 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
3
3 - 40
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Assembly Diagram
Pad Number
Function
Description
Interface Schematic
1Vdd
Power supply for the LO Amplifier. An external RF bypass
capacitor of 100 - 330 pF is required. A MIM border capacitor
is recommended. The bond length to the capacitor should be
as short as possible. The ground side of the capacitor should
be connected to the housing ground.
2RF
This pad is AC coupled and matched to
50 Ohm.
3IF
This pad is DC coupled and should be DC blocked
externally using a series capacitor whose value has been
chosen to pass the necessary IF frequency range. Any applied
DC voltage to this pin will result in die non-function and
possible die failure.
4LO
This pad is AC coupled and matched
to 50 Ohm.
Pad Descriptions
HMC337
v02.1007
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 17 - 25 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com