Electronic Components Datasheet Search
  English  ▼

X  

HMC341 Datasheet(PDF) 4 Page - Micross Components

Part # HMC341
Description  Millimeterwave Point-to-Point Radios
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC341 Datasheet(HTML) 4 Page - Micross Components

  HMC341 Datasheet HTML 1Page - Micross Components HMC341 Datasheet HTML 2Page - Micross Components HMC341 Datasheet HTML 3Page - Micross Components HMC341 Datasheet HTML 4Page - Micross Components HMC341 Datasheet HTML 5Page - Micross Components HMC341 Datasheet HTML 6Page - Micross Components HMC341 Datasheet HTML 7Page - Micross Components HMC341 Datasheet HTML 8Page - Micross Components HMC341 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1
1 - 8
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC341
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 30 GHz
v01.1007
General Description
Features
Functional Diagram
The HMC341 chip is a GaAs MMIC
Low Noise
Amplifier (LNA) which covers the frequency range
of 24 to 30 GHz. The chip can easily be integrated
into Multi-Chip Modules (MCMs) due to its small
(1.51 mm2) size. The chip utilizes a GaAs PHEMT
process offering 13 dB gain from a single bias supply
of + 3V @ 30 mA with a noise figure of 2.5 dB. All
data is with the chip in a 50 ohm test fixture connected
via 0.025 mm (1 mil) diameter wire bonds of minimal
length 0.31 mm (<12 mils).
Excellent Noise Figure: 2.5 dB
Gain: 13 dB
Single Supply: +3V @ 30 mA
Small Size: 1.42 x 1.06 x 0.1 mm
Electrical Specifications
, T
A = +25° C, Vdd = +3V
Typical Applications
The HMC341 is ideal for:
• Millimeterwave Point-to-Point Radios
• LMDS
• VSAT & SATCOM
Parameter
Min.
Typ.
Max.
Units
Frequency Range
24 - 30
GHz
Gain
10
13
16
dB
Gain Variation Over Temperature
0.03
0.04
dB/°C
Noise Figure
26 - 30 GHz
24 - 26 GHz
2.5
2.9
3.5
3.9
dB
dB
Input Return Loss
9
13
dB
Output Return Loss
9
13
dB
Reverse Isolation
25
30
dB
Output Power for 1dB Compression (P1dB)
2
6
dBm
Saturated Output Power (Psat)
6
10
dBm
Output Third Order Intercept (IP3)
12
16
dBm
Supply Current (Idd)
30
40
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com