Electronic Components Datasheet Search
  English  ▼

X  

HMC341 Datasheet(PDF) 8 Page - Micross Components

Part # HMC341
Description  Millimeterwave Point-to-Point Radios
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC341 Datasheet(HTML) 8 Page - Micross Components

  HMC341 Datasheet HTML 1Page - Micross Components HMC341 Datasheet HTML 2Page - Micross Components HMC341 Datasheet HTML 3Page - Micross Components HMC341 Datasheet HTML 4Page - Micross Components HMC341 Datasheet HTML 5Page - Micross Components HMC341 Datasheet HTML 6Page - Micross Components HMC341 Datasheet HTML 7Page - Micross Components HMC341 Datasheet HTML 8Page - Micross Components HMC341 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1
1 - 12
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Assembly Diagrams
Pad Number
Function
Description
Interface Schematic
1
RFIN
This pad is AC coupled and matched to 50 Ohms.
2
RFOUT
This pad is AC coupled and matched to 50 Ohms.
3Vdd
Power Supply for the 2-stage amplifier. An external RF bypass capaci-
tor of 100 - 300 pF is required. The bond length to the capacitor should
be as short as possible. The ground side of the capacitor should be
connected to the housing ground.
Pad Descriptions
HMC341
v01.1007
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 30 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com