Electronic Components Datasheet Search
  English  ▼

X  

TP5510 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5510
Description  Full Duplex Analog Front End for Consumer Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5510 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  TP5510 Datasheet HTML 1Page - National Semiconductor (TI) TP5510 Datasheet HTML 2Page - National Semiconductor (TI) TP5510 Datasheet HTML 3Page - National Semiconductor (TI) TP5510 Datasheet HTML 4Page - National Semiconductor (TI) TP5510 Datasheet HTML 5Page - National Semiconductor (TI) TP5510 Datasheet HTML 6Page - National Semiconductor (TI) TP5510 Datasheet HTML 7Page - National Semiconductor (TI) TP5510 Datasheet HTML 8Page - National Semiconductor (TI) TP5510 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Functional Description (Continued)
edges latch in the seven remaining bits Both devices may
utilize the short frame sync pulse in synchronous or asyn-
chronous operating mode
LONG FRAME SYNC OPERATION
To use the long frame mode both the frame sync pulses
FSE and FSD must be three or more bit clock periods long
with timing relationships specified in
Figure 3 Based on the
transmit frame sync FSE the AFE will sense whether short
or long frame sync pulses are being used For 64 kHz oper-
ation the frame sync pulse must be kept low for a minimum
of 160 ns The DE TRI-STATE output buffer is enabled with
the rising edge of FSE or the rising edge of BCLKE which-
ever comes later and the first bit clocked out is the sign bit
The following seven BCLKE rising edges clock out the re-
maining seven bits The DE output is disabled by the falling
BCLKE edge following the eighth rising edge or by FSE
going low whichever comes later A rising edge on the de-
code frame sync pulse FSD will cause the data at DD to be
latched in on the next eight falling edges of BCLKD (BCLKE
in synchronous mode) Both devices may utilize the long
frame sync pulse in synchronous or asynchronous mode
ENCODE SECTION
The encode section input is an operational amplifier with
provision for gain adjustment using two external resistors
see
Figure 4 The low noise and wide bandwidth allow gains
in excess of 20 dB across the audio passband to be real-
ized The op amp drives a unity-gain filter consisting of RC
active pre-filter followed by an eighth order switched-ca-
pacitor bandpass filter clocked at 256 kHz The output of
this filter directly drives the AD sample-and-hold circuit
The AD is of compressing type according to m-law coding
conventions A precision voltage reference is trimmed in
manufacturing to provide an input overload (tMAX) of nomi-
nally 25V peak (See Table of Transmission Characteris-
tics) The FSE frame sync pulse controls the sampling of the
filter output and then the successive-approximation encod-
ing cycle begins The 8-bit code is then loaded into a buffer
and shifted out through DE at the next FSE pulse The total
encoding delay will be approximately 165 ms (due to the
encode filter) plus 125 ms (due to encoding delay) which
totals 290 ms Any offset voltage due to the filters or com-
parator is cancelled by sign bit integration
DECODE SECTION
The decode section consists of an expanding DAC which
drives a fifth order switched-capacitor low pass filter
clocked at 256 kHz The DAC is m-law and the 5th order low
pass filter corrects for the sin xx attenuation due to the 8
kHz samplehold The filter is then followed by a 2nd order
RC active post-filterpower amplifier capable of driving a
600X load to a level of 72 dBm The decode section is
unity-gain Upon the occurrence of FSD the data at the DD
input is clocked in on the falling edge of the next eight
BCLKD (BCLKE) periods At the end of the DAC time slot
the DA conversion cycle begins and 10 ms later the DAC
output is updated The total DAC delay is E10 ms (DAC
update) plus 110 ms (filter delay) plus 625 ms(
frame)
which gives approximately 180 ms
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com