Electronic Components Datasheet Search
  English  ▼

X  

TP5510 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5510
Description  Full Duplex Analog Front End for Consumer Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5510 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  TP5510 Datasheet HTML 1Page - National Semiconductor (TI) TP5510 Datasheet HTML 2Page - National Semiconductor (TI) TP5510 Datasheet HTML 3Page - National Semiconductor (TI) TP5510 Datasheet HTML 4Page - National Semiconductor (TI) TP5510 Datasheet HTML 5Page - National Semiconductor (TI) TP5510 Datasheet HTML 6Page - National Semiconductor (TI) TP5510 Datasheet HTML 7Page - National Semiconductor (TI) TP5510 Datasheet HTML 8Page - National Semiconductor (TI) TP5510 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VCC to GNDA
7V
VBB to GNDA
b
7V
Voltage at any Analog Input
or Output
VCCa03V to VBBb03V
Voltage at any Digital Input or
Output
VCCa03V to GNDAb03V
Operating Temperature Range
b
25 Cto a 125 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 seconds)
300 C
ESD (Human Body Model)
2000V
Latch-Up Immunity e 100 mA on any Pin
Electrical Characteristics Unless otherwise noted limits printed in BOLD characters are guaranteed for VCC
e
50V g5% VBB eb50V g5% TA e 0 Cto70 C by correlation with 100% electrical testing at TA e 25 C All other limits
are assured by correlation with other production tests andor product design and characterization All signals referenced to
GNDA Typicals specified at VCC e 50V VBB eb50V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL INTERFACE
VIL
Input Low Voltage
06
V
VIH
Input High Voltage
22
V
VOL
Output Low Voltage
DE ILe32 mA
04
V
SIGD ILe10 mA
04
V
TSE ILe32 mA Open Drain
04
V
VOH
Output High Voltage
DE IHeb32 mA
24
V
SIGD IHeb10 mA
24
V
IIL
Input Low Current
GNDAsVINsVIL All Digital Inputs
b
10
10
m
A
IIH
Input High Current
VIHsVINsVCC
b
10
10
m
A
IOZ
Output Current in High Impedance
DE GNDAsVOsVCC
b
10
10
m
A
State (TRI-STATE)
ANALOG INTERFACE WITH ENCODE INPUT AMPLIFIER (ALL DEVICES)
IIEA
Input Leakage Current
b
25VsVsa25V VFEIa or VFEIb
b
200
200
nA
RIEA
Input Resistance
b
25VsVsa25V VFEIa or VFEIb
10
MX
ROEA
Output Resistance
Closed Loop Unity Gain
1
3
X
RLEA
Load Resistance
GSE
10
kX
CLEA
Load Capacitance
GSE
50
pF
VOEA
Output Dynamic Range
GSE RLt10 kX
b
28
28
V
AVEA
Voltage Gain
VFEIa to GSE
5000
VV
FUEA
Unity Gain Bandwidth
1
2
MHz
VOSEA
Offset Voltage
b
20
20
mV
VCMEA
Common-Mode Voltage
CMRREA l 60 dB
b
25
25
V
CMRREA
Common-Mode Rejection Ratio
DC Test
60
dB
PSRREA
Power Supply Rejection Ratio
DC Test
60
dB
ANALOG INTERFACE WITH DECODE FILTER (ALL DEVICES)
RODF
Output Resistance
Pin VFDO1
3
X
RLDF
Load Resistance
VFDOe g25V
600
X
CLDF
Load Capacitance
500
pF
VOSDO
Output DC Offset Voltage
b
200
200
mV
POWER DISSIPATION (ALL DEVICES)
ICC0
Power-Down Current
No Load (Note)
05
3
mA
IBB0
Power-Down Current
No Load (Note)
005
1
mA
ICC1
Power-Up Active Current
No Load
60
12
mA
IBB1
Power-Up Active Current
No Load
60
12
mA
Note
ICC0 and IBB0 are measured after first achieving a power-up state
http
www nationalcom
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com