Electronic Components Datasheet Search
  English  ▼

X  

HMC362 Datasheet(PDF) 4 Page - Micross Components

Part # HMC362
Description  Satellite Communication Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC362 Datasheet(HTML) 4 Page - Micross Components

  HMC362 Datasheet HTML 1Page - Micross Components HMC362 Datasheet HTML 2Page - Micross Components HMC362 Datasheet HTML 3Page - Micross Components HMC362 Datasheet HTML 4Page - Micross Components HMC362 Datasheet HTML 5Page - Micross Components HMC362 Datasheet HTML 6Page - Micross Components HMC362 Datasheet HTML 7Page - Micross Components HMC362 Datasheet HTML 8Page - Micross Components HMC362 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1
1 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC362
GaAs HBT MMIC
DIVIDE-BY-4, DC - 11 GHz
General Description
Features
Functional Diagram
The HMC362 is a low noise Divide-by-4 Static Divider
with InGaP GaAs HBT technology that has a small
size of 1.30 x 0.69 mm. This device operates from DC
(with a square wave input) to 11 GHz input frequency
with a single +5V DC supply. The low additive SSB
phase noise of -149 dBc/Hz at 100 kHz offset helps the
user maintain good system noise performance.
Ultra Low SSB Phase Noise: -149 dBc/Hz
Wide Bandwidth
Output Power: -6 dBm
Single DC Supply: +5V
Small Size: 1.30 x 0.69 x 0.1 mm
Typical Applications
Prescaler for DC to X Band PLL Applications:
• Satellite Communication Systems
• Fiber Optic
• Point-to-Point and Point-to-Multi-Point Radios
• VSAT
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vcc= 5V
v04.0109
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
11
12
GHz
Minimum Input Frequency
Sine Wave Input. [1]
0.2
0.5
GHz
Input Power Range
Fin = 1 to 8 GHz
-15
>-20
+10
dBm
Fin = 8 to 11 GHz
-10
>-15
+2
dBm
Output Power [2]
Fin = 11 GHz
-9
-6
dBm
Reverse Leakage
Both RF Outputs Terminated
40
dB
SSB Phase Noise (100 kHz offset)
Pin = 0 dBm, Fin = 6 GHz
-149
dBc/Hz
Output Transition Time
Pin = 0 dBm, Fout = 882 MHz
100
ps
Supply Current (Icc) [2]
68
mA
[1] Divider will operate down to DC for square-wave input signal.
[2] When operated in low power mode (pin 8 floating).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com