Electronic Components Datasheet Search
  English  ▼

X  

HMC362 Datasheet(PDF) 7 Page - Micross Components

Part # HMC362
Description  Satellite Communication Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC362 Datasheet(HTML) 7 Page - Micross Components

  HMC362 Datasheet HTML 1Page - Micross Components HMC362 Datasheet HTML 2Page - Micross Components HMC362 Datasheet HTML 3Page - Micross Components HMC362 Datasheet HTML 4Page - Micross Components HMC362 Datasheet HTML 5Page - Micross Components HMC362 Datasheet HTML 6Page - Micross Components HMC362 Datasheet HTML 7Page - Micross Components HMC362 Datasheet HTML 8Page - Micross Components HMC362 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1
1 - 11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Description
Pad Number
Function
Description
Interface Schematic
1
IN
RF Input 180° out of phase with pad 3 for differential operation.
AC ground for single ended operation.
2
IN
RF Input must be DC blocked.
3, 4, 5
Vcc
Supply Voltage 5V ±0.25V can be applied to pad 3, 4, or 5.
6OUT
Divided Output
7
OUT
Divided output 180° out of phase with OUT.
8PWR SEL
In the low power mode, the power select pin is left floating.
By grounding this pin, the output power is increased by
approximately 10 dB.
9PWR DWN
The power down pin is grounded for normal operation.
Applying 5 volts to this pin will power down this device.
10
DISABLE
The disable pin is grounded for normal operation.
Applying 5 volts to this pin will disable the input buffer amplifier.
HMC362
v04.0109
GaAs HBT MMIC
DIVIDE-BY-4, DC - 11 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com