Electronic Components Datasheet Search
  English  ▼

X  

TP5510N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5510N
Description  Full Duplex Analog Front End for Consumer Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5510N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP5510N Datasheet HTML 1Page - National Semiconductor (TI) TP5510N Datasheet HTML 2Page - National Semiconductor (TI) TP5510N Datasheet HTML 3Page - National Semiconductor (TI) TP5510N Datasheet HTML 4Page - National Semiconductor (TI) TP5510N Datasheet HTML 5Page - National Semiconductor (TI) TP5510N Datasheet HTML 6Page - National Semiconductor (TI) TP5510N Datasheet HTML 7Page - National Semiconductor (TI) TP5510N Datasheet HTML 8Page - National Semiconductor (TI) TP5510N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLH11186
February 1997
TP5510
Full Duplex Analog Front End (AFE)
for Consumer Applications
General Description
The TP5510 consists of a m-law monolithic AFE device uti-
lizing the AD and DA conversion architecture shown in
Figure 1 and a serial data interface The device is fabricat-
ed using National’s advanced double-poly CMOS process
(microCMOS)
The AD portion of the device consists of an input gain
adjust amplifier an active RC pre-filter which eliminates very
high frequency noise and a switched-capacitor band-pass
filter that rejects signals below 200 Hz and above 3400 Hz
Also included are auto-zero circuitry and a compressing
AD which samples the filtered signal and converts it to the
m
-law digital format The decode portion of the device con-
sists of an expanding DA which reconstructs the analog
signal from the compressed m-law code a low-pass filter
which corrects for the sin xx response of the DA output
and rejects signals above 3400 Hz followed by a single-
ended power amplifier capable of driving low impedance
loads The device requires a 1536 MHz 1544 MHz or
2048 MHz master clock bit clocks which may vary from 64
kHz to 2048 MHz and 8 kHz frame sync pulses
Features
Y
Complete AD and DA with filter system including
Serial Data Interface
Encode high-pass and low-pass filter
Decode low-pass filter with sin xx correction
Active RC noise filters
m
-law compatible AD and DA
Internal precision voltage reference
Internal auto-zero circuitry
Y
m
-lawTP5510
Y
g
5V operation
Y
Low operating powertypically 60 mW
Y
Power-down standby modetypically 3 mW
Y
Automatic power-down
Y
TTL or CMOS compatible digital interfaces
Y
Maximizes PC card circuit density
Y
Plastic DIP and SOIC packages
Y
8-bit digital IO
Y
13-bit dynamic range
Y
Use with DSP processor
Y
Applications Tapeless Answering Machines Cordless
Phones Cellular Radio
Connection Diagram
Dual-In-Line Package
TLH11186 – 1
Top View
Order Number TP5510WM
See NS Package Number M16B
Order Number TP5510N
See NS Package Number N16A
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M27Printed in U S A
http
www nationalcom


Similar Part No. - TP5510N

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TP5531 3PEAK-TP5531 Datasheet
657Kb / 16P
1.8V, 34關A, RRIO, Zero Drift Op-amps
TP5531-CR 3PEAK-TP5531-CR Datasheet
657Kb / 16P
1.8V, 34關A, RRIO, Zero Drift Op-amps
TP5531-SR 3PEAK-TP5531-SR Datasheet
657Kb / 16P
1.8V, 34關A, RRIO, Zero Drift Op-amps
TP5531-TR 3PEAK-TP5531-TR Datasheet
657Kb / 16P
1.8V, 34關A, RRIO, Zero Drift Op-amps
TP5531U-CR 3PEAK-TP5531U-CR Datasheet
657Kb / 16P
1.8V, 34關A, RRIO, Zero Drift Op-amps
More results

Similar Description - TP5510N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Maxim Integrated Produc...
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
logo
Texas Instruments
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
Analog Front End for Ultrasonic Applications
logo
Maxim Integrated Produc...
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
Microchip Technology
MCP2035 MICROCHIP-MCP2035 Datasheet
1Mb / 68P
Analog Front-End Device for BodyCom Applications
11/29/11
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com