Electronic Components Datasheet Search
  English  ▼

X  

TP5510N Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5510N
Description  Full Duplex Analog Front End for Consumer Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5510N Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button TP5510N Datasheet HTML 4Page - National Semiconductor (TI) TP5510N Datasheet HTML 5Page - National Semiconductor (TI) TP5510N Datasheet HTML 6Page - National Semiconductor (TI) TP5510N Datasheet HTML 7Page - National Semiconductor (TI) TP5510N Datasheet HTML 8Page - National Semiconductor (TI) TP5510N Datasheet HTML 9Page - National Semiconductor (TI) TP5510N Datasheet HTML 10Page - National Semiconductor (TI) TP5510N Datasheet HTML 11Page - National Semiconductor (TI) TP5510N Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Transmission Characteristics Unless otherwise noted limits printed in BOLD characters are guaranteed for
VCC e 50V g5% VBB eb50V g5% TA e 0 Cto70 C by correlation with 100% electrical testing at TA e 25 C All other
limits are assured by correlation with other production tests andor product design and characterization GNDA e 0V f e 102
kHz VIN e 0 dBm0 encode input amplifier connected for unity gain non-inverting Typicals specified at VCC e 50V VBB e
b
50V TA e 25 C (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SOS
Spurious Out-of-Band Signals
Loop Around Measurement 0 dBm0
b
30
dB
at the Channel Output
300 Hz to 3400 Hz Input Digital Code Applied
at DD
4600 Hz – 7600 Hz
b
30
dB
7600 Hz – 8400 Hz
b
30
dB
8400 Hz – 100000 Hz
b
30
dB
DISTORTION
STDE
Signal to Total Distortion
Sinusoidal Test Method (Note 3)
STDD
Encode or Decode
e
30 dBm0
Level
28
dBC
Half-Channel
e
0 dBm0 to b30 dBm0
30
dBC
eb
40 dBm0
25
dBC
SFDE
Single Frequency Distortion
b
41
dB
Encode
SFDD
Single Frequency Distortion
b
41
dB
Decode
IMD
Intermodulation Distortion
Loop Around Measurement
VFEncodea eb4 dBm0 to b21 dBm0 Two
Frequencies in the Range
300 Hz – 3400 Hz
b
35
dB
CROSSTALK
CTE-D
Encode to Decode Crosstalk
fe300 Hz – 3400 Hz
0 dBm0 Encode Level
DDeQuiet Code
b
90
b
70
dB
CTD-E
Decode to Encode Crosstalk
fe300 Hz – 3400 Hz VFEIeMultitone
b
90
b
70
dB
0 dBm0 Decode Level
(Note 2)
Format at DE Output
TP5510
m-Law
VIN (at GSE)eaFull-Scale
10000000
VIN (at GSE)e0V
11111111
01111111
VIN (at GSE)ebFull-Scale
00000000
http
www nationalcom
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com