Electronic Components Datasheet Search
  English  ▼

X  

LEAP3W-TXUX-1 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LEAP3W-TXUX-1
Description  OSTAR High Power Projection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP3W-TXUX-1 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LEAP3W-TXUX-1 Datasheet HTML 7Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 8Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 9Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 10Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 11Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 12Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 13Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 14Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Version 1.5
LE A P3W
2016-01-27
11
Relative Forward Voltage 7) page 23
Relative Vorwärtsspannung 7) Seite 23
ΔVF = VF - VF(25 °C) = f(Tj); IF = 6000 mA; per
Chip
Relative Luminous Flux 7) page 23
Relativer Lichtstrom 7) Seite 23
ΦV/ΦV(25 °C) = f(Tj); IF = 6000 mA; per Chip
-40
-0.20
˚C
Tj
OHL04073
V
F
V
∆
-20
0
20 40 60 80
120
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.25
OHL04222
-40
˚C
j
T
-20
0
20 40 60 80
120
0
V
V (25 ˚C)
Φ
Φ
0.2
0.4
0.6
0.8
1.0
1.2
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com