Electronic Components Datasheet Search
  English  ▼

X  

LEAP3W-TXUX-1 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEAP3W-TXUX-1
Description  OSTAR High Power Projection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP3W-TXUX-1 Datasheet(HTML) 5 Page - OSRAM GmbH

  LEAP3W-TXUX-1 Datasheet HTML 1Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 2Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 3Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 4Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 5Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 6Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 7Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 8Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 1.5
LE A P3W
2016-01-27
5
SMD NTC Thermistor
SMD NTC Thermistor
* for further Information please visit www.epcos.com
R
25
No. of R/T
characterist
ics*
B
25/50
B
25/85
Resistance
Tolerance
∆R
N/RN
B value
Tolerance
∆B/B
P
NTC,max,25
[Ω]
[K]
[K]
(±) [%]
(±) [%]
[mW]
10000
EPCOS 8502
3940
3980
5
3
180
Typical Thermistor Graph 6) page 23 , 7) page 23
Typische Thermistor Kennlinie 6) Seite 23 , 7) Seite 23
IF = f (VF); Tboard = 25 °C
0
0
˚C
T
R
Ω
OHL02609
NTC
1000
2000
3000
4000
5000
6000
7000
10000
10 20 30 40 50 60 70
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com