Electronic Components Datasheet Search
  English  ▼

X  

TSL215 Datasheet(PDF) 2 Page - Texas Instruments

Part # TSL215
Description  128 횞 1 INTEGRATED OPTO SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL215 Datasheet(HTML) 2 Page - Texas Instruments

  TSL215 Datasheet HTML 1Page - Texas Instruments TSL215 Datasheet HTML 2Page - Texas Instruments TSL215 Datasheet HTML 3Page - Texas Instruments TSL215 Datasheet HTML 4Page - Texas Instruments TSL215 Datasheet HTML 5Page - Texas Instruments TSL215 Datasheet HTML 6Page - Texas Instruments TSL215 Datasheet HTML 7Page - Texas Instruments TSL215 Datasheet HTML 8Page - Texas Instruments TSL215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TSL215
128
× 1 INTEGRATED OPTO SENSOR
SOES005A – JUNE 1992 – REVISED AUGUST 1993
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram of each section
Hold
and
Sample
1,7
VDD
2,10
3
SI
CLK
SO
6,13
AO
4,8
RL
(external load)
Buffer
Output
Node
Sense
Amplifier
Differential
Generator
Reference
Dark Pixel
Generator
Clock
64-Bit Shift Register
Q64
Q3
Q2
Q1
S64
S3
S2
S1
Reset
Nonoverlapping
Clock Generator
Pixel Selector Switch
64 Pixels
3
2
1
Pixel
Buffer
Pixel
Buffer
Terminal Functions
PIN
DESCRIPTION
NAME
NO.
DESCRIPTION
AO1
4
Analog output of section 1
AO2
8
Analog output of section 2
CLK
3
Clock. The clock controls charge transfer, pixel output, and reset.
GND
5, 12
Ground (substrate). All voltages are referenced to the substrate.
NC
9,
11, 14
No internal connection
SI1
2
Serial input (section 1). The serial input defines the end of the integration period and initiates the pixel output sequence.
SI2
10
Serial input (section 2). The serial input defines the end of the integration period and initiates the pixel output sequence.
SO1
13
Serial output (section 1). The serial output provides a signal to drive the SI2 input.
SO2
6
Serial output (section 2). The serial output provides a signal to drive the SI1 input of another TSL215 sensor for
cascading.
VDD
1, 7
Supply voltage. These supply power to the analog and digital circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com