Electronic Components Datasheet Search
  English  ▼

X  

TSL215 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSL215
Description  128 횞 1 INTEGRATED OPTO SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL215 Datasheet(HTML) 4 Page - Texas Instruments

  TSL215 Datasheet HTML 1Page - Texas Instruments TSL215 Datasheet HTML 2Page - Texas Instruments TSL215 Datasheet HTML 3Page - Texas Instruments TSL215 Datasheet HTML 4Page - Texas Instruments TSL215 Datasheet HTML 5Page - Texas Instruments TSL215 Datasheet HTML 6Page - Texas Instruments TSL215 Datasheet HTML 7Page - Texas Instruments TSL215 Datasheet HTML 8Page - Texas Instruments TSL215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TSL215
128
× 1 INTEGRATED OPTO SENSOR
SOES005A – JUNE 1992 – REVISED AUGUST 1993
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
shift register
Both 64-bit shift registers control the transfer of charge from the pixels to the output stages and provide timing
signals for the NOCG. The serial input (SI) signal provides the input to the shift register and is shifted under
direct control of CLK out to the serial output (SO) on the 64th clock cycle. This SO pulse can then be used as
the SI pulse for the next section or next device.
The output period for each section is initiated by the presence of the SI input pulse coincident with a rising edge
of CLK (see Figures 1, 2, and 3). The analog output voltage corresponds to the level of the first pixel after settling
time (ts) and remains constant for a minimum time (tv). A voltage corresponding to each succeeding pixel is
available at each rising edge of CLK. The output period of a section ends when the active section sees the rising
edge of the 65th clock cycle, at which time the output assumes the high-impedance state. Once the output
period has been initiated by an SI pulse, CLK must be allowed to complete [ (n
× 64)+1] (where n is the number
of sections running in series) positive-going transitions in order to reset the internal logic to a known state. To
achieve minimum integration time, the SI pulse may be present on the [ (n
× 64)+2] rising clock to immediately
restart the output phase.
sample-and-hold
The sample-and-hold signal generated by the NOCG is used to hold the analog output voltage of each pixel
constant until the next pixel is clocked out. The signal is sampled while CLK is high and held constant while CLK
is low.
nonoverlapping clock generators
The NOCG circuitry provides internal control signals for the sensor, including reset and pixel-charge sensing.
The signals are synchronous and are controlled by the outputs of the shift register.
initialization
Initialization of the sensor elements may be necessary on power up or during operation after any period of CLK
or SI inactivity exceeding the integration time. The initialization phase consists of 12 to 15 consecutively
performed output cycles and clears the pixels of any charge that may have accumulated during the inactive
period.
multiple-unit operation
Multiple-sensor devices can be connected together in a serial or parallel configuration. The serial connection
is accomplished by connecting analog outputs (AO) together and connecting the SO output of each sensor
device to the SI input of the next device. The SI signal is applied to only the first device. Each succeeding device
receives its SI input from the SO output of the preceding device. For m-cascaded devices, the SI pulse is applied
to the first device after every m
•128th positive-going CLK transitions. A common clock signal is applied to all
the devices simultaneously. Parallel operation of multiple devices is accomplished by supplying CLK and SI
signals to all the devices simultaneously. The output of each device is then separately used for processing.
output enable
The internally generated output-enable signal enables the output stage of each section during the output period
(64 clock cycles). During the remainder of the integration period, the output stage is in the high-impedance state
that allows output interconnections of multiple devices without interference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com