Electronic Components Datasheet Search
  English  ▼

X  

MIC6315 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC6315
Description  Open-Drain 關P Reset Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC6315 Datasheet HTML 1Page - Micrel Semiconductor MIC6315 Datasheet HTML 2Page - Micrel Semiconductor MIC6315 Datasheet HTML 3Page - Micrel Semiconductor MIC6315 Datasheet HTML 4Page - Micrel Semiconductor MIC6315 Datasheet HTML 5Page - Micrel Semiconductor MIC6315 Datasheet HTML 6Page - Micrel Semiconductor MIC6315 Datasheet HTML 7Page - Micrel Semiconductor MIC6315 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micrel, Inc.
MIC6315
Ordering Information
Part Number
(1, 2)
Marking
(3)
Nominal VTH
(V)
Minimum tRST
(ms)
Operating
Temperature
Range
Package
Lead Finish
MIC6315-26D2UY
NY
2.63
20
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-29D2UY
NM
2.93
20
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-30D2UY
N2
3.00
20
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-31D2UY
NF
3.08
20
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-40D2UY
NW
4.00
20
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-41D2UY
N6
4.10
20
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-44D2UY
NG
4.38
20
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-46D2UY
NQ
4.63
20
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-26D3UY
NR
2.63
140
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-29D3UY
NP
2.93
140
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-30D3UY
N3
3.00
140
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-31D3UY
NU
3.08
140
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-40D3UY
N8
4.00
140
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-41D3UY
N5
4.10
140
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-42D3UY
05
4.20
140
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-44D3UY
NH
4.38
140
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-46D3UY
NX
4.63
140
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-26D4UY
NS
2.63
1100
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-29D4UY
NN
2.93
1100
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-30D4UY
N4
3.00
1100
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-31D4UY
2N
3.08
1100
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-40D4UY
M9
4.00
1100
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-41D4UY
M7
4.10
1100
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-44D4UY
NJ
4.38
1100
–40°C to +85°C
4-Pin SOT-143
Pb-Free
MIC6315-46D4UY
NZ
4.63
1100
–40°C to +85°C
4-Pin SOT-143
Pb-Free
Note:
1.
Ship format Tape and reel only (ordering part number add space TR example. MIC6315-26D2UY TR).
2.
Standard reel quantity is 3000 pieces.
Reel diameter 7in. / Hub diameter 2in. / Width 8mm.
3.
Underbar symbol ( _ ) may not be to scale.
October 17, 2014
2
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com