Electronic Components Datasheet Search
  English  ▼

X  

MIC6315 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC6315
Description  Open-Drain 關P Reset Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC6315 Datasheet HTML 1Page - Micrel Semiconductor MIC6315 Datasheet HTML 2Page - Micrel Semiconductor MIC6315 Datasheet HTML 3Page - Micrel Semiconductor MIC6315 Datasheet HTML 4Page - Micrel Semiconductor MIC6315 Datasheet HTML 5Page - Micrel Semiconductor MIC6315 Datasheet HTML 6Page - Micrel Semiconductor MIC6315 Datasheet HTML 7Page - Micrel Semiconductor MIC6315 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Micrel, Inc.
MIC6315
Absolute Maximum Ratings
(4)
Terminal Voltage
(VCC, /RESET)......................................
−0.3V to +6.0V
(/MR) ............................................
−0.3V to (V
CC + 0.3V)
Rate-of-Rise (VCC) ................................................. 100V/µs
Input Current (VCC, /MR)............................................20mA
Output Current (/RESET) ............................................20mA
Lead Temperature (soldering, 10s)............................ 300°C
Storage Temperature (TS)......................... −65°C to +150°C
ESD Rating
(6).................................................................. 3kV
Operating Ratings
(5)
Input Voltage (/RESET)....................................GND to 5.5V
Operating Temperature Range ................... –40°C to +85°C
Junction Temperature (TJ) ........................ –40°C to +125°C
Power Dissipation (TA = +70°C)...............................320mW
Electrical Characteristics
For typical values, VCC = 2.5V to 5.5V; TA = +25°C, bold values indicate –40°C
≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VCC
Operating Voltage Range
1
5.5
V
ICC
Supply Current
VCC = 5.5V, no load.
5
15
µA
VCC = 3.6V, no load.
5
10
VTH
Reset Voltage Threshold
Note 7
VTH − 2.5%
VTH
VTH + 2.5%
V
tRST
Reset Timeout Period
D2U
20
28
44
ms
D3U
140
200
320
D4U
1100
1500
2500
VOL
/RESET Output Voltage
VCC
≥ 4.0V, tSINK = 3.2mA
0.4
V
VCC
≥ 2.5V, tSINK = 1.2mA
0.3
VCC
≥ 1.0V, tSINK = 50µA
0.3
/RESET Output Leakage
/RESET de-asserted
1
µA
/MR Minimum Pulse Width
10
µs
/MR-to-Reset Delay
0.5
µs
VIH
/MR Input Threshold
VTH > 4.0V
2.3
V
VTH < 4.0V
0.7 × VCC
VIL
/MR Input Threshold
VTH > 4.0V
0.8
V
VTH < 4.0V
0.25 × VCC
/MR Pull-Up Resistance
10
20
30
k
Ω
/MR Glitch Immunity
100
ns
Notes:
4.
Exceeding the absolute maximum ratings may damage the device.
5.
The device is not guaranteed to function outside its operating ratings.
6.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
7.
Various reset thresholds available. See Ordering Information or contact factory.
October 17, 2014
4
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com