Electronic Components Datasheet Search
  English  ▼

X  

MIC2587R Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2587R
Description  Single-Channel, Positive High-Voltage Hot Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2587R Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2587R Datasheet HTML 9Page - Micrel Semiconductor MIC2587R Datasheet HTML 10Page - Micrel Semiconductor MIC2587R Datasheet HTML 11Page - Micrel Semiconductor MIC2587R Datasheet HTML 12Page - Micrel Semiconductor MIC2587R Datasheet HTML 13Page - Micrel Semiconductor MIC2587R Datasheet HTML 14Page - Micrel Semiconductor MIC2587R Datasheet HTML 15Page - Micrel Semiconductor MIC2587R Datasheet HTML 16Page - Micrel Semiconductor MIC2587R Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Micrel, Inc.
MIC2587/MIC2587R
January 24, 2013
13
Revision 2.0
Functional Description
Hot Swap Insertion
When circuit boards are inserted into systems carrying
live supply voltages ("hot swapped"), high inrush currents
often result due to the charging of bulk capacitance that
resides across the circuit board's supply pins. These
current spikes can cause the system's supply voltages to
temporarily go out of regulation causing data loss or
system lock-up. In more extreme cases, the transients
occurring during a hot swap event may cause permanent
damage to connectors or other on-board components.
The MIC2587/MIC2587R was designed to address these
issues by limiting the maximum current that is allowed to
flow during hot swap events. This is achieved by
implementing a constant-current control loop at turn-on.
In addition to inrush current control, the MIC2587 and
MIC2587R
incorporate
input
voltage
supervisory
functions and user-programmable overcurrent protection,
thereby providing robust protection for both the system
and the circuit board.
Input Supply Transient Suppression and Filtering
The MIC2587/MIC2587R is guaranteed to withstand
transient voltage spikes up to 100V. However, voltage
spikes in excess of 100V may cause damage to the
controller. In order to suppress transients caused by
parasitic inductances, wide (and short) power traces
should be utilized. Alternatively, heavier trace plating will
help minimize inductive spikes that may arise during
events that cause a large di/dt to occur (e.g., short circuit
loads). External surge protection, such as a clamping
diode, is also recommended as an added safeguard for
device, and system protection. And lastly, a 0.1µF
decoupling capacitor from the VCC pin to ground is
recommended to assist in noise rejection. Place this filter
capacitor as close as possible to the VCC pin of the
controller.
Start-Up Cycle
When
the
power
supply
voltage
to
the
MIC2587/MIC2587R is higher than the VUVH and the VONH
threshold voltages, a start cycle is initiated. When the
controller is enabled, an internal 16µA current source
(IGATEON) is turned on and the GATE pin voltage rises
from 0V with respect to ground at a rate equal to
Equation 1:
dV
GATE
dt
=
I
GATEON
C
GATE
Eq. 1
where CGATE is the total capacitance seen at the GATE
output of the controller (external capacitor from GATE to
ground plus CGS of the external MOSFET). The internal
charge pump has sufficient output drive to fully enhance
commonly available power MOSFETs for the lowest
possible DC losses. The gate drive is guaranteed to be
between 7.5V and 18V over the entire supply voltage
operating range (10V to 80V), so 60V BVDSS and 30V
BVDSS N-channel power MOSFETs with a maximum gate-
source voltage of 20V can be used for +48V and +24V
applications, respectively. However, due to the harsh
electrical environments of most backplanes and other
“live” power supplies, the use of 100V and 60V power
MOSFETs, respectively, is recommended to withstand
transient
spikes
caused
by
stray
inductances.
Additionally, an external Zener diode (18-V) connected
from the source to the gate as shown in the typical
applications circuit is also recommended. A good choice
for an 18-V Zener diode in this application is the
MMSZ5248B, available in a small SOD123 package.
C4 is used to adjust the GATE voltage slew rate while R3
minimizes the potential for high-frequency parasitic
oscillations from occurring in M1. However, note that
resistance in this part of the circuit has a slight
destabilizing
effect
upon
the
MIC2587/MIC2587R's
current regulation loop. Compensation resistor R4 is
necessary for stabilization of the current regulation loop.
The current through the power transistor during initial
inrush is given by:
I
INRUSH = CLOAD ×
I
GATEON
C
GATE
Eq. 2
The drain current of the MOSFET is monitored via an
external current sense resistor to ensure that it never
exceeds the programmed threshold, as described in the
"Circuit Breaker Operation" section.
A capacitor connected to the controller’s TIMER pin sets
the value of overcurrent detector delay, tFLT, which is the
time for which an overcurrent event must last to signal a
fault condition and to cause the output to latch-off. The
MIC2587/MIC2587R controller is most often utilized in
applications with large capacitive loads, so a properly
chosen value of CTIMER prevents false-, or nuisance-,
tripping at turn-on as well as providing immunity to noise
spikes after the start-up cycle is complete. The procedure
for selecting a value for CTIMER is given in the "Circuit
Breaker Operation" section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com