Electronic Components Datasheet Search
  English  ▼

X  

MIC2587R Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2587R
Description  Single-Channel, Positive High-Voltage Hot Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2587R Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2587R Datasheet HTML 14Page - Micrel Semiconductor MIC2587R Datasheet HTML 15Page - Micrel Semiconductor MIC2587R Datasheet HTML 16Page - Micrel Semiconductor MIC2587R Datasheet HTML 17Page - Micrel Semiconductor MIC2587R Datasheet HTML 18Page - Micrel Semiconductor MIC2587R Datasheet HTML 19Page - Micrel Semiconductor MIC2587R Datasheet HTML 20Page - Micrel Semiconductor MIC2587R Datasheet HTML 21Page - Micrel Semiconductor MIC2587R Datasheet HTML 22Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Micrel, Inc.
MIC2587/MIC2587R
January 24, 2013
21
Revision 2.0
MOSFET and Sense Resistor Vendors
Device types, part numbers, and manufacturer contacts
for power MOSFETs and sense resistors are provided in
Tables 3 and 4.
Table 3. MOSFET Vendors
MOSFET Vendors
Key MOSFET Type(s)
Breakdown Voltage (VDSS)
Contact Information
Vishay - Siliconix
SUM75N06-09L (TO-263)
SUM70N06-11 (TO-263)
SUM50N06-16L (TO-263)
60V
60V
60V
www.siliconix.com
(203) 452-5664
SUP85N10-10 (TO-220AB)
SUB85N10-10 (TO-263)
SUM110N10-09 (TO-263)
SUM60N10-17 (TO-263)
100V
100V
100V
100V
www.siliconix.com
(203) 452-5664
International
Rectifier
IRF530 (TO-220AB)
IRF540N (TO-220AB)
100V
100V
www.irf.com
(310) 322-3331
Renesas
2SK1298 (TO-3PFM)
2SK1302 (TO-220AB)
2SK1304 (TO-3P)
60V
100V
100V
www.renesas.com
(408) 433-1990
Table 4. Resistor Vendors
Resistor Vendors
Sense Resistors
Contact Information
Vishay - Dale
“WSL” and “WSR” Series
www.vishay.com/docswsl_30100.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com