Electronic Components Datasheet Search
  English  ▼

X  

HMC405 Datasheet(PDF) 4 Page - Micross Components

Part # HMC405
Description  Test Equipment
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC405 Datasheet(HTML) 4 Page - Micross Components

  HMC405 Datasheet HTML 1Page - Micross Components HMC405 Datasheet HTML 2Page - Micross Components HMC405 Datasheet HTML 3Page - Micross Components HMC405 Datasheet HTML 4Page - Micross Components HMC405 Datasheet HTML 5Page - Micross Components HMC405 Datasheet HTML 6Page - Micross Components HMC405 Datasheet HTML 7Page - Micross Components HMC405 Datasheet HTML 8Page - Micross Components HMC405 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2
2 - 20
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC405
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 10 GHz
v03.0109
General Description
Features
Functional Diagram
The HMC405 die is a GaAs InGaP Heterojunction
Bipolar Transistor (HBT) Gain Block MMIC DC to
10 GHz amplifier. This amplifier can be used as either
a cascadable 50 Ohm gain stage or to drive the
LO of HMC mixers with up to +17 dBm output power.
The HMC405 offers 16 dB of gain and an output
IP3 of +32 dBm while requiring only 50 mA from a
+5V supply. The Darlington feedback pair used results
in reduced sensitivity to normal process variations
and yields excellent gain stability over temperature
while requiring a minimal number of external bias
components. The HMC405 can easily be integrated
into Multi-Chip-Modules (MCMs) due to its small
(0.22mm2) size. All data is with the chip in a 50 Ohm
test fixture connected via 0.025mm (1 mil) diameter
wire bonds of minimal length 0.5mm (20 mils).
Gain: 16 dB
P1dB Output Power: +13 dBm
Stable Gain Over Temperature
50 Ohm I/O’s
Small Size: 0.38 x 0.58 x 0.1 mm
Typical Applications
An excellent cascadable 50 Ohm
Gain Block or LO Driver for:
• Microwave & VSAT Radios
• Test Equipment
• Military EW, ECM, C3I
• Space Telecom
Electrical Specifications, Vs= +5 V, Rbias= 22 Ohm, T
A = +25° C
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 3.0 GHz
3.0 - 7.0 GHz
7.0 - 10.0 GHz
16
15
13
dB
dB
dB
Gain Variation Over Temperature
DC - 3.0 GHz
3.0 - 7.0 GHz
7.0 - 10.0 GHz
0.004
0.015
0.02
dB/ °C
dB/ °C
dB/ °C
Input Return Loss
DC - 3.0 GHz
3.0 - 10.0 GHz
10
11
dB
dB
Output Return Loss
DC - 3.0 GHz
3.0 - 10.0 GHz
9
10
dB
dB
Reverse Isolation
DC - 7.0 GHz
7.0 - 10.0 GHz
20
17
dB
dB
Output Power for 1 dB Compression (P1dB)
DC - 3.0 GHz
3.0 - 7.0 GHz
7.0 - 10.0 GHz
15
13
10
dBm
dBm
dBm
Output Third Order Intercept (IP3)
DC - 3.0 GHz
3.0 - 7.0 GHz
7.0 - 10.0 GHz
30
25
22
dBm
dBm
dBm
Noise Figure
DC - 7.0 GHz
7.0 - 10.0 GHz
4
4.5
dB
dB
Supply Current (Icq)
50
mA
Note: Data taken with broadband bias tee on device output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com