Electronic Components Datasheet Search
  English  ▼

X  

HMC405 Datasheet(PDF) 5 Page - Micross Components

Part # HMC405
Description  Test Equipment
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC405 Datasheet(HTML) 5 Page - Micross Components

  HMC405 Datasheet HTML 1Page - Micross Components HMC405 Datasheet HTML 2Page - Micross Components HMC405 Datasheet HTML 3Page - Micross Components HMC405 Datasheet HTML 4Page - Micross Components HMC405 Datasheet HTML 5Page - Micross Components HMC405 Datasheet HTML 6Page - Micross Components HMC405 Datasheet HTML 7Page - Micross Components HMC405 Datasheet HTML 8Page - Micross Components HMC405 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2
2 - 21
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output Return Loss vs. Temperature
Gain & Return Loss
Gain vs. Temperature
Reverse Isolation vs. Temperature
Input Return Loss vs. Temperature
Noise Figure vs. Temperature
-20
-15
-10
-5
0
5
10
15
20
01
234
5678
9
10
S21
S11
S22
FREQUENCY (GHz)
5
8
11
14
17
20
01
234
5678
9
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-15
-12
-9
-6
-3
0
02
46
8
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-15
-12
-9
-6
-3
0
01
234
5678
9
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
02
46
8
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
0
2
4
6
8
10
1
2.5
4
5.5
7
8.5
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
HMC405
v03.0109
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 10 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com