Electronic Components Datasheet Search
  English  ▼

X  

ASO Datasheet(PDF) 3 Page - Schurter Inc.

Part # ASO
Description  Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ASO Datasheet(HTML) 3 Page - Schurter Inc.

  ASO Datasheet HTML 1Page - Schurter Inc. ASO Datasheet HTML 2Page - Schurter Inc. ASO Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
ASO 10.3x38
www.schurter.com /PG01_2
Fuses
10
Standard
1000
1)
1760
401
l
l
0090.0010
█
12
Standard
1000
1)
1965
642
l
l
0090.0012
█
15
Standard
1000
1)
1914
505
l
l
0090.0015
█
20
Standard
1000
1)
2810
1313
l
l
0090.0020
█
25
Standard
1000
1)
2981
2371
l
l
0090.0025
█
30
Standard
1000
1)
3923
2679
l
0090.0030
█
1
PCB
1000
1)
602
0.554
l
l
0090.1001
2
PCB
1000
1)
1586
4.755
l
l
0090.1002
3
PCB
1000
1)
1504
7.882
l
l
0090.1003
4
PCB
1000
1)
1491
23.03
l
l
0090.1004
5
PCB
1000
1)
1465
42.6
l
l
0090.1005
6
PCB
1000
1)
1348
80.25
l
l
0090.1006
8
PCB
1000
1)
1610
199
l
l
0090.1008
10
PCB
1000
1)
1760
401
l
l
0090.1010
12
PCB
1000
1)
1965
642
l
l
0090.1012
15
PCB
1000
1)
2282
505
l
l
0090.1015
20
PCB
1000
1)
2810
1313
l
l
0090.1020
25
PCB
1000
1)
2981
2371
l
l
0090.1025
30
PCB
1000
1)
3923
2679
l
0090.1030
█ Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-
SCHURTER
1) 20 kA @ 1000 VDC, L/R < 2ms
Packaging Unit
Standard version
Bulk (10 pcs.)
PCB version
Bulk (100 pcs.)
Zubehör
Description
ESO 10.3x38
Fuse Inserter/Extractor with Cover Function for 10.3x38 mm Fuses in Clips, Patent Pending
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com