Electronic Components Datasheet Search
  English  ▼

X  

ASO Datasheet(PDF) 1 Page - Schurter Inc.

Part # ASO
Description  Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ASO Datasheet(HTML) 1 Page - Schurter Inc.

  ASO Datasheet HTML 1Page - Schurter Inc. ASO Datasheet HTML 2Page - Schurter Inc. ASO Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Non resettable fuses
ASO 10.3x38
www.schurter.com /PG01_2
Fuses
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
Standard
PCB version
1000VDC · gPV
Description
- Meets the new UL and IEC photovoltaic standards
- UL Recognized for 1000 VDC
- High breaking capacity of 20 kA @ 1000 VDC
- Low min. interrupting rating of 1.35 x In
- Meets the requirements of IEC 61730-2 for PV module safety
Standards
- IEC 60269-6
- UL 2579
Approvals
- VDE Certificate Number: 40033592
- UL File Number: E345791
Applications
- All photovoltaic applications
- Inverters
- Battery charge controllers
- In-line protection
- String fuses
References
Corresponding Fuseholder FSO; CSO; 231660
Corresponding Cover ESO 10.3x38
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Accessories, Detailed request for
product
Technical Data
Rated Voltage
1000 VDC
Rated current
1 - 30 A
Breaking Capacity
20 kA
Characteristic
gPV
Mounting
Insert, PCB/THT
Admissible Ambient Air Temp. -50 °C to 125 °C
Unit Weight
8.3 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated current, Rated Voltage,
Breaking Capacity, Characteristic, Ap-
provals
Dimension
10.3 mm
Standard
38
Panel cut-out for front mounting
10
7.1
3
38.9
0.5
1.0


Similar Part No. - ASO

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
ASO SENSATA-ASO Datasheet
288Kb / 4P
PCB MOUNT
logo
Schurter Inc.
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
276Kb / 2P
Midget Fuse, 10.3 x 38 mm, Quick-acting, 1000 VDC, Photovoltaic
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
347Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
369Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
367Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
04.01.2022
More results

Similar Description - ASO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
276Kb / 2P
Midget Fuse, 10.3 x 38 mm, Quick-acting, 1000 VDC, Photovoltaic
0751.0500 SCHURTER-0751.0500_16 Datasheet
260Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
256Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
ASO10.3X38 SCHURTER-ASO10.3X38_18 Datasheet
347Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
CSO SCHURTER-CSO_18 Datasheet
289Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
AEO SCHURTER-AEO Datasheet
510Kb / 4P
EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
29.09.2021
ASO10.3X38 SCHURTER-ASO10.3X38_V01 Datasheet
369Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
ASO10.3X38 SCHURTER-ASO10.3X38_V02 Datasheet
367Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
04.01.2022
AEO10.3X38 SCHURTER-AEO10.3X38 Datasheet
510Kb / 4P
EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
04.01.2022
CSO SCHURTER-CSO_V01 Datasheet
329Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
12.08.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com