Electronic Components Datasheet Search
  English  ▼

X  

MLX90132 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90132
Description  13.56MHz RFID / NFC Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90132 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90132 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
MLX90132
13.56MHz RFID / NFC Transceiver
3901090132
Page 13 of 44
Jan-2014
Rev. 009
6.3 IDN command (0x01)
The IDN command gives information about the MLX90132 and the internal firmware version
IDN0x01
Direction
Data
Comment
Example
MCU – device
01
Command code
0100
00
Length of data
device - MCU
00
Result code
000F4E4643204653324A41535434002ACE:
4E4643204653324A4153543400= Device ID
2ACE= CRC of internal ROM
<Len>
Length of data
<Device ID>
Data in ASCII format
<ROM CRC>
CRC calculated for ROM content
Table 6: “IDN” command description
Note: It takes about 6ms to calculate the CRC for the entire ROM. Application must allow sufficient time
before waiting for an answer for this command.
6.4 Protocol select command (0x02)
The “Protocol Select” command automatically configures the internal registers of the MLX90132 for the best
communication performances. It also prepares the MLX90132 by automatically setting the HF field ON
(except in TAG emulation state). The field will be automatically switched OFF either by sending a “Protocol
select” command with “Field OFF”, or when the MLX90132 returns to “Idle” mode using the “Idle” command
or by selecting TAG emulation.
Protocol Select 0x02
Direction
Data
Comment
Example
MCU – device
02
Command code
Refer to examples in table:
Table 8
, below
<Len>
Length of data
<Protocol>
Protocol codes (Reader)
00 = Field OFF
01 = ISO/IEC15693
02 = ISO/IEC14443-A / NFC-A
03 = ISO/IEC14443-B / NFC-B
04 = ISO/IEC18092 (212,424Kbps) / NFC-F
Protocol codes (TAG)
12 = ISO/IEC14443-A/ NFC-A
13 = ISO/IEC14443-B / NFC-B
14 = ISO/IEC18092 (212,424kbps)/ NFC-F
<Parameters>
Depends on protocol selected, refer to Table 8
Device - MCU
00
Result code
0000–Protocol successfully selected
00
Length of data
Device - MCU
82
Error code
8200- Invalid command length
00
Length of data
Device - MCU
83
Error code
8300 - Invalid protocol
00
Length of data
Table 7: “Protocol select” command description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com