Electronic Components Datasheet Search
  English  ▼

X  

MLX90132 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX90132
Description  13.56MHz RFID / NFC Transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90132 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90132 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90132 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
MLX90132
13.56MHz RFID / NFC Transceiver
3901090132
Page 21 of 44
Jan-2014
Rev. 009
6.6.1 Support of extended frames
In reader mode it is possible to receive up to 528 bytes of frame data. The extended size is included in the
command code as follows:
Figure 10: Coding of Length of extended frames
Consequently, the ResultCode returned depends on the length of the decoded frame received by the
MLX90132.
Direction
Result Code
Length (LEN)
Effective length of received data
Comment
MCU - device
0x80
0x00 – 0xFF
0 – 255 bytes
0xA0
256 – 511 bytes
0xC0
512 – 528 bytes
0x90
0 – 255 bytes
In ISO/IEC14443A only in case of
none integer number of bytes
0xB0
256 – 511 bytes
0xD0
512 – 528 bytes
Table 16: Coding of Length of extended frames
1 L L 0 0 0 0 0
ResultCode
L L L L L L L L
Len
0
0
7
7
x x x x x x x x
Data byte 0
0
7
L L L L L L L L
Number N of data bytes
0
7
L L
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com