Electronic Components Datasheet Search
  English  ▼

X  

MLX80031 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX80031
Description  LIN System Basis ICs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX80031 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX80031 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX80031 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
MLX80050/51/30/31
LIN System Basis ICs
Datasheet
MLX80050/51/30/31 – Datasheet
Page 21
3901080050
Jun 2016
011
4. Operational Modes
The MLX8003x/5x provides four main operating modes “Standby”, “Normal”, “Silent” and “Sleep”. The main modes are
fixed states defined by basic actions (VS start, EN or wake-up).
Sleep-
Mode
EN = H/L & TxD =H
VSUP power on
Normal
Mode
Silent
Mode
EN = L/H
[1] Set Slew Mode:
Normal => EN=L/H & TxD=H (default)
Low Slew => EN=L/H & TxD=L
EN = H/L & TxD=L
Local wake-up or
Remote wake-up
or EN = L/H
Regulator on
LIN transmitter off
LIN termination 30k
------------------------------------------
RxD = high
TxD = high
Regulator off
LIN transmitter off
LIN termination 200k
-----------------------------------------------
RxD: floating (0V)
TxD: floating (0V)
Standby
EN = H
[2] or L/H [1]
Regulator on
NRES = H
LIN transmitter on
LIN termination 30k
------------------------------------------------
RxD:= data output
TxD:= data input
Regulator on; VCC ramp up
VCC cross reset threshold -> start tres
LIN transmitter off
LIN termination 30k
---------------------------------------------------
after power on:
RxD: high
TxD: high
after wake up:
RxD: low
TxD: wake source output
t > tsby (350ms) &
Vcc > VRES
Init
Start Vaux;
Regulator OFF
End of Initialization
Local wake-up or
Remote wake-up or
Vcc < VRES
Vcc < VRES
[2] Only after Wake-up from Sleep mode
with EN=L/H
Figure 5: MLX8005x3x state diagram of modes of operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com