Electronic Components Datasheet Search
  English  ▼

X  

HMC463 Datasheet(PDF) 4 Page - Micross Components

Part # HMC463
Description  Telecom Infrastructure
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC463 Datasheet(HTML) 4 Page - Micross Components

  HMC463 Datasheet HTML 1Page - Micross Components HMC463 Datasheet HTML 2Page - Micross Components HMC463 Datasheet HTML 3Page - Micross Components HMC463 Datasheet HTML 4Page - Micross Components HMC463 Datasheet HTML 5Page - Micross Components HMC463 Datasheet HTML 6Page - Micross Components HMC463 Datasheet HTML 7Page - Micross Components HMC463 Datasheet HTML 8Page - Micross Components HMC463 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1
1 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC463
GaAs PHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2 - 20 GHz
v10.1010
General Description
Features
Functional Diagram
The HMC463 is a GaAs MMIC PHEMT Low Noise
AGC Distributed Amplifier die which operates between
2 and 20 GHz. The amplifier provides 14 dB of gain,
2.5 dB noise figure and 19 dBm of output power at
1 dB gain compression while requiring only 60 mA
from a +5V supply. An optional gate bias (Vgg2) is
provided to allow Adjustable Gain Control (AGC) of
10 dB typical. Gain flatness is excellent at ±0.15 dB
from 6 - 18 GHz making the HMC463 ideal for EW,
ECM and RADAR applications. The HMC463 ampli-
fier can easily be integrated into Multi-Chip-Modules
(MCMs) due to its small size.
All data is with the
chip in a 50 Ohm test fixture connected via 0.025mm
(1 mil) diameter wire bonds of minimal length 0.31mm
(12 mils).
Gain: 14 dB
Noise Figure: 2.5 dB @ 10 GHz
P1dB Output Power: +19 dBm @ 10 GHz
Supply Voltage: +5V @ 60 mA
50 Ohm Matched Input/Output
Die Size: 3.05 x 1.29 x 0.1 mm
Typical Applications
The HMC463 is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
• Fiber Optics
Electrical Specifications, T
A = +25° C, Vdd= 5V, Idd= 60 mA*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
2.0 - 6.0
6.0 - 18.0
18.0 - 20.0
GHz
Gain
12
15
12
14
12
14
dB
Gain Flatness
±1.0
±0.15
±0.15
dB
Gain Variation Over Temperature
0.015
0.025
0.015
0.025
0.015
0.025
dB/ °C
Noise Figure
3.0
4.0
2.5
3.7
3.5
4.0
dB
Input Return Loss
12
15
14
dB
Output Return Loss
11
12
10
dB
Output Power for 1 dB Compression (P1dB)
16
19
13
16
11
14
dBm
Saturated Output Power (Psat)
21
20
19
dBm
Output Third Order Intercept (IP3)
31
28
26
dBm
Supply Current
(Idd) (Vdd= 5V, Vgg1= -0.9V Typ.)
60
80
60
80
60
80
mA
* Adjust Vgg1 between -1.5 to -0.5V to achieve Idd= 60 mA typical.
Vgg2: Optional Gate Bias for AGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com