Electronic Components Datasheet Search
  English  ▼

X  

HMC463 Datasheet(PDF) 7 Page - Micross Components

Part # HMC463
Description  Telecom Infrastructure
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC463 Datasheet(HTML) 7 Page - Micross Components

Back Button HMC463 Datasheet HTML 3Page - Micross Components HMC463 Datasheet HTML 4Page - Micross Components HMC463 Datasheet HTML 5Page - Micross Components HMC463 Datasheet HTML 6Page - Micross Components HMC463 Datasheet HTML 7Page - Micross Components HMC463 Datasheet HTML 8Page - Micross Components HMC463 Datasheet HTML 9Page - Micross Components HMC463 Datasheet HTML 10Page - Micross Components HMC463 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1
1 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+9 V
Gate Bias Voltage (Vgg1)
-2 to 0 Vdc
Gate Bias Current (Igg1)
2.5 mA
Gate Bias Voltage (Vgg2)(AGC)
(Vdd -9)
Vdc to +2 Vdc
RF Input Power (RFIN)(Vdd = +5 V)
+18 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 20.6 mW/°C above 85 °C)
1.85 W
Thermal Resistance
(channel to die bottom)
48.6 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
Vdd (V)
Idd (mA)
+4.5
58
+5.0
60
+5.5
62
Typical Supply Current vs. Vdd
Gain @ Several Control Voltages
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
22
FREQUENCY (GHz)
Vgg 2 = -1.3V
Vgg 2 = -1.2V
Vgg 2 = -1.1V
Vgg 2 = -1.0V Vgg 2 = -0.9V Vgg 2 = -0.6V Vgg 2 = -0.4V Vgg 2 = 0V
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC463
v10.1010
GaAs PHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2 - 20 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com