Electronic Components Datasheet Search
  English  ▼

X  

HMC490 Datasheet(PDF) 6 Page - Micross Components

Part # HMC490
Description  Point-to-Multi-Point Radios
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC490 Datasheet(HTML) 6 Page - Micross Components

Back Button HMC490 Datasheet HTML 2Page - Micross Components HMC490 Datasheet HTML 3Page - Micross Components HMC490 Datasheet HTML 4Page - Micross Components HMC490 Datasheet HTML 5Page - Micross Components HMC490 Datasheet HTML 6Page - Micross Components HMC490 Datasheet HTML 7Page - Micross Components HMC490 Datasheet HTML 8Page - Micross Components HMC490 Datasheet HTML 9Page - Micross Components HMC490 Datasheet HTML 10Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC490
v03.0213
GaAs pHEMT MMIC LOW NOISE
HIGH IP3 AMPLIFIER, 12 - 17 GHz
P1dB vs. Temperature
Gain & Noise Figure vs.
Supply Voltage@ 14 GHz, Idd= 200 mA
Power Compression @ 14 GHz
Psat vs. Temperature
Gain, Noise Figure & Output IP3 vs.
Supply Current @ 14 GHz, Vdd= 5V*
* Idd is controlled by varying Vgg
Power Dissipation
0
4
8
12
16
20
24
28
32
10
11
12
13
14
15
16
17
18
+25 C
+85 C
-55 C
FREQUENCY (GHz)
0
4
8
12
16
20
24
28
32
10
11
12
13
14
15
16
17
18
+25 C
+85 C
-55 C
FREQUENCY (GHz)
20
22
24
26
28
30
0
1
2
3
4
5
3
3.5
4
4.5
5
5.5
Gain
Noise Figure
Vdd (V)
0
5
10
15
20
25
30
35
-10
-8
-6
-4
-2
0
2
4
6
Pout
Gain
PAE
INPUT POWER (dBm)
14
18
22
26
30
34
0
1
2
3
4
5
100
125
150
175
200
Gain
IP3
Noise Figure
Idd (mA)
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-10
-8
-6
-4
-2
0
2
4
6
Max Pdis @ 85C
12 GHz
13 GHz
14 GHz
15 GHz
16 GHz
INPUT POWER (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com