Electronic Components Datasheet Search
  English  ▼

X  

HMC498 Datasheet(PDF) 4 Page - Micross Components

Part # HMC498
Description  Point-to-Multi-Point Radios
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC498 Datasheet(HTML) 4 Page - Micross Components

  HMC498 Datasheet HTML 1Page - Micross Components HMC498 Datasheet HTML 2Page - Micross Components HMC498 Datasheet HTML 3Page - Micross Components HMC498 Datasheet HTML 4Page - Micross Components HMC498 Datasheet HTML 5Page - Micross Components HMC498 Datasheet HTML 6Page - Micross Components HMC498 Datasheet HTML 7Page - Micross Components HMC498 Datasheet HTML 8Page - Micross Components HMC498 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC498
v03.0713
GaAs pHEMT MMIC
POWER AMPLIFIER, 17 - 24 GHz
Functional Diagram
Features
Typical Applications
General Description
The HMC498 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT
• Military & Space
Output IP3: +34 dBm
Saturated Power: +27 dBm @ 25% PAE
Gain: 24 dB
Supply Voltage: +5V
50 Ohm Matched Input/Output
Die Size: 2.38 x 1.46 x 0.1 mm
The HMC498 is a high dynamic range GaAs pHEMT
MMIC Power Amplifier which operates between
17 and 24 GHz. The HMC498 provides 24 dB of gain,
+27 dBm of saturated power and 25% PAE from
a +5V supply voltage. The HMC498 amplifier can
easily be integrated into Multi-Chip-Modules (MCMs)
due to its small size. All data is with the chip in a
50 Ohm test fixture connected via 0.025mm (1 mil)
diameter wire bonds of minimal length 0.31mm (12
mils).
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
17 - 19
19 - 22
22 - 24
GHz
Gain
20
23
28
21
24
28
20
23
28
dB
Gain Variation Over Temperature
0.03
0.04
0.03
0.04
0.03
0.04
dB/ °C
Input Return Loss
11
11
8
dB
Output Return Loss
20
18
15
dB
Output Power for 1 dB Compression (P1dB)
20
23.5
22
25
21
24
dBm
Saturated Output Power (Psat)
27
26.5
25.5
dBm
Output Third Order Intercept (IP3)
34
34
34
dBm
Noise Figure
3.5
4.0
4.5
dB
Supply Current (Idd)(Vdd = 5V, Vgg = -0.8V Typ.)
250
275
250
275
250
275
mA
Electrical Specifications, T
A = +25° C, Vdd = 5V, Idd = 250mA*
* Adjust Vgg between -2 to 0V to achieve Idd = 250mA typical.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com