Electronic Components Datasheet Search
  English  ▼

X  

HMC498 Datasheet(PDF) 7 Page - Micross Components

Part # HMC498
Description  Point-to-Multi-Point Radios
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC498 Datasheet(HTML) 7 Page - Micross Components

  HMC498 Datasheet HTML 1Page - Micross Components HMC498 Datasheet HTML 2Page - Micross Components HMC498 Datasheet HTML 3Page - Micross Components HMC498 Datasheet HTML 4Page - Micross Components HMC498 Datasheet HTML 5Page - Micross Components HMC498 Datasheet HTML 6Page - Micross Components HMC498 Datasheet HTML 7Page - Micross Components HMC498 Datasheet HTML 8Page - Micross Components HMC498 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC498
v03.0713
GaAs pHEMT MMIC
POWER AMPLIFIER, 17 - 24 GHz
Outline Drawing
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Drain Bias Voltage (Vdd1, Vdd2, Vdd3)
+5.5V
Gate Bias Voltage (Vgg)
-4 to 0V
RF Input Power (RFIN)(Vdd = +5V)
+10 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 21.4mW/°C above 85 °C)
1.92 W
Thermal Resistance
(channel to die bottom)
46.8 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Absolute Maximum Ratings
Typical Supply Current vs. Vdd
Vdd (V)
Idd (mA)
+4.5
241
+5.0
250
+5.5
258
+3.0
240
+3.5
250
+4.0
259
Note: Amplifier will operate over full voltage ranges shown above.
Vgg adjusted to achieve Idd= 250mA at +5V and +3.5V.
Die Packaging Information [1]
Standard
Alternate
GP-2 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND IS .004” SQUARE
4. BACKSIDE METALLIZATION: GOLD
5. BOND PAD METALLIZATION: GOLD
6. BACKSIDE METAL IS GROUND.
7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com