Electronic Components Datasheet Search
  English  ▼

X  

LM330 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM330
Description  3-Terminal Positive Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM330 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM330 Datasheet HTML 1Page - National Semiconductor (TI) LM330 Datasheet HTML 2Page - National Semiconductor (TI) LM330 Datasheet HTML 3Page - National Semiconductor (TI) LM330 Datasheet HTML 4Page - National Semiconductor (TI) LM330 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Typical Performance Characteristics (Continued)
Typical Applications
The LM330 is designed specifically to operate at lower input
to output voltages. The device is designed utilizing a power
lateral PNP transistor which reduces dropout voltage from
2.0V to 0.3V when compared to IC regulators using NPN
pass transistors. Since the LM330 can operate at a much
lower input voltage, the device power dissipation is reduced,
heat sinking can be simpler and device reliability improved
through lower chip operating temperature. Also, a cost sav-
ings can be utilized through use of lower power/voltage com-
ponents. In applications utilizing battery power, the LM330
allows the battery voltage to drop to within 0.3V of output
voltage prior to the voltage regulator dropping out of regula-
tion.
Output Impedance
DS009306-19
Overvoltage Supply Current
DS009306-20
Reverse Supply Current
DS009306-21
Output at Reverse Supply
DS009306-22
Output at Overvoltage
DS009306-23
Output Voltage (Normalized
to 5V at T
j = 25˚C)
DS009306-24
DS009306-5
* Required if regulator is located far from power supply filter.
** C2 may be either an Aluminum or Tantalum type capacitor but must be
rated to operate at −40˚C to guarantee regulator stability to that
temperature extreme. 10 µF is the minimum value required for stability and
may be increased without bound. Locate as close as possible to the
regulation.
DS009306-6
Note: Compared to IC regulator with 2.0V dropout voltage and
IQmax, = 6.0 mA.
www.national.com
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com