Electronic Components Datasheet Search
  English  ▼

X  

LM330 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM330
Description  3-Terminal Positive Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM330 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM330 Datasheet HTML 1Page - National Semiconductor (TI) LM330 Datasheet HTML 2Page - National Semiconductor (TI) LM330 Datasheet HTML 3Page - National Semiconductor (TI) LM330 Datasheet HTML 4Page - National Semiconductor (TI) LM330 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LM330
3-Terminal Positive Regulator
General Description
The LM330 5V 3-terminal positive voltage regulator features
an ability to source 150 mA of output current with an
input-output differential of 0.6V or less. Familiar regulator
features such as current limit and thermal overload protec-
tion are also provided.
The low dropout voltage makes the LM330 useful for certain
battery applications since this feature allows a longer battery
discharge before the output falls out of regulation. For ex-
ample, a battery supplying the regulator input voltage may
discharge to 5.6V and still properly regulate the system and
load voltage. Supporting this feature, the LM330 protects
both itself and regulated systems from negative voltage in-
puts resulting from reverse installations of batteries.
Other protection features include line transient protection up
to 26V, when the output actually shuts down to avoid damag-
ing internal and external circuits. Also, the LM330 regulator
cannot be harmed by a temporary mirror-image insertion.
Features
n Input-output differential less than 0.6V
n Output current of 150 mA
n Reverse battery protection
n Line transient protection
n Internal short circuit current limit
n Internal thermal overload protection
n Mirror-image insertion protection
n P
+ Product Enhancement tested
Schematic and Connection Diagrams
DS009306-1
(TO-220)
Plastic Package
DS009306-2
Front View
Order Number LM330T-5.0
See NS Package Number T03B
May 1998
© 1999 National Semiconductor Corporation
DS009306
www.national.com


Similar Part No. - LM330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM330-N TI1-LM330-N Datasheet
708Kb / 9P
LM330 3-Terminal Positive Regulator
LM330-N TI1-LM330-N Datasheet
1Mb / 11P
3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
3-Terminal Positive Regulator
logo
National Semiconductor ...
LM3301 NSC-LM3301 Datasheet
323Kb / 20P
LM2900/LM3900/LM3301 Quad Amplifiers
logo
Texas Instruments
LM3301 TI1-LM3301 Datasheet
491Kb / 26P
Quad Amplifiers
More results

Similar Description - LM330

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
3-Terminal Positive Regulator
logo
Continental Device Indi...
CL7808DT CDIL-CL7808DT Datasheet
189Kb / 4P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GI78LXX GTM-GI78LXX Datasheet
302Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
GI78MXX GTM-GI78MXX Datasheet
167Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML78L00-FBL1 MICRO-ELECTRONICS-ML78L00-FBL1 Datasheet
234Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9165 RICHTEK-RT9165_08 Datasheet
112Kb / 7P
150mA 3-Terminal Positive Regulator
logo
Cystech Electonics Corp...
LM7805XF3 CYSTEKEC-LM7805XF3 Datasheet
197Kb / 4P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
3-Terminal Positive Regulator
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
3-Terminal Positive Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com