Electronic Components Datasheet Search
  English  ▼

X  

HMC571 Datasheet(PDF) 4 Page - Micross Components

Part # HMC571
Description  Satellite Communications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC571 Datasheet(HTML) 4 Page - Micross Components

  HMC571 Datasheet HTML 1Page - Micross Components HMC571 Datasheet HTML 2Page - Micross Components HMC571 Datasheet HTML 3Page - Micross Components HMC571 Datasheet HTML 4Page - Micross Components HMC571 Datasheet HTML 5Page - Micross Components HMC571 Datasheet HTML 6Page - Micross Components HMC571 Datasheet HTML 7Page - Micross Components HMC571 Datasheet HTML 8Page - Micross Components HMC571 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3
3 - 138
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC571
GaAs MMIC I/Q DOWNCONVERTER
21 - 25 GHz
v03.0808
General Description
Features
Typical Applications
The
HMC571
is
a
compact
GaAs
MMIC
I/Q
downconverter chip which provides a small signal
conversion gain of 10 dB with a noise figure of 3 dB
and 24 dB of image rejection across the frequency
band. The device utilizes an LNA followed by an image
reject mixer which is driven by an active x2 multiplier.
The image reject mixer eliminates the need for a filter
following the LNA, and removes thermal noise at the
image frequency. I and Q mixer outputs are provided
and an external 90° hybrid is needed to select the
required sideband. All data shown below is taken
with the chip mounted in a 50 Ohm test fixture and
includes the effects of 1 mil diameter x 20 mil length
bond wires on each port. This product is a much
smaller alternative to hybrid style image reject mixer
downconverter assemblies.
Electrical Specifications, T
A = +25° C, IF = 100 MHz, LO = +4 dBm, Vdd = 3.5 Vdc*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF
21.2 - 23.7
21 - 25
GHz
Frequency Range, LO
9 - 14
9 - 14
GHz
Frequency Range, IF
DC - 3.5
DC - 3.5
GHz
Conversion Gain (As IRM)
9
11
8
11
dB
Noise Figure
3
3
dB
Image Rejection
19
22
19
24
dB
1 dB Compression (Input)
-9
-6
-11
-8
dBm
2 LO to RF Isolation
38
45
38
45
dB
2 LO to IF Isolation
28
32
28
32
dB
IP3 (Input)
+2
+5
-2
+5
dBm
Amplitude Balance
0.3
0.7
dB
Phase Balance
5
5
Deg
Total Supply Current
125
165
125
165
mA
*Data taken as IRM with external IF hybrid
Functional Diagram
The HMC571 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar, EW & ELINT
• Satellite Communications
Conversion Gain: 11 dB
Image Rejection: 24 dB
2 LO to RF Isolation: 40 dB
Noise Figure: 3 dB
Input IP3: +5 dBm
Die Size: 2.33 x 2.51 x 0.10 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com