Electronic Components Datasheet Search
  English  ▼

X  

HMC571 Datasheet(PDF) 8 Page - Micross Components

Part # HMC571
Description  Satellite Communications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC571 Datasheet(HTML) 8 Page - Micross Components

Back Button HMC571 Datasheet HTML 3Page - Micross Components HMC571 Datasheet HTML 4Page - Micross Components HMC571 Datasheet HTML 5Page - Micross Components HMC571 Datasheet HTML 6Page - Micross Components HMC571 Datasheet HTML 7Page - Micross Components HMC571 Datasheet HTML 8Page - Micross Components HMC571 Datasheet HTML 9Page - Micross Components HMC571 Datasheet HTML 10Page - Micross Components HMC571 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3
3 - 142
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC571
v03.0808
GaAs MMIC I/Q DOWNCONVERTER
21 - 25 GHz
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS 0.004”
3. BOND PAD METALIZATION: GOLD
4. BACKSIDE METALIZATION: GOLD
5. BACKSIDE METAL IS GROUND
6. OVERALL DIE SIZE ±0.002
Die Packaging Information
[1]
Standard
Alternate
GP-1 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com