Electronic Components Datasheet Search
  English  ▼

X  

HMC591 Datasheet(PDF) 11 Page - Micross Components

Part # HMC591
Description  Point-to-Multi-Point Radios
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC591 Datasheet(HTML) 11 Page - Micross Components

Back Button HMC591 Datasheet HTML 3Page - Micross Components HMC591 Datasheet HTML 4Page - Micross Components HMC591 Datasheet HTML 5Page - Micross Components HMC591 Datasheet HTML 6Page - Micross Components HMC591 Datasheet HTML 7Page - Micross Components HMC591 Datasheet HTML 8Page - Micross Components HMC591 Datasheet HTML 9Page - Micross Components HMC591 Datasheet HTML 10Page - Micross Components HMC591 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
3
3 - 85
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with
conductive epoxy (see HMC general Handling, Mounting, Bonding Note).
50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina
thin film substrates are recommended for bringing RF to and from the chip
(Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be
used, the die should be raised 0.150mm (6 mils) so that the surface of
the die is coplanar with the surface of the substrate. One way to accom-
plish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil)
thick molybdenum heat spreader (moly-tab) which is then attached to the
ground plane (Figure 2).
Microstrip substrates should be located as close to the die as possible in
order to minimize bond wire length. Typical die-to-substrate spacing is
0.076mm to 0.152 mm (3 to 6 mils).
Handling Precautions
Follow these precautions to avoid permanent damage.
Storage: All bare die are placed in either Waffle or Gel based ESD protec-
tive containers, and then sealed in an ESD protective bag for shipment.
Once the sealed ESD protective bag has been opened, all die should be
stored in a dry nitrogen environment.
Cleanliness: Handle the chips in a clean environment. DO NOT attempt
to clean the chip using liquid cleaning systems.
Static Sensitivity: Follow ESD precautions to protect against > ± 250V
ESD strikes.
Transients: Suppress instrument and bias supply transients while bias
is applied. Use shielded signal and bias cables to minimize inductive
pick-up.
General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The
surface of the chip may have fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with electrically conductive epoxy. The mounting surface should
be clean and flat.
Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed
around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer’s schedule.
Wire Bonding
Ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal stage
temperature of 150 °C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recom-
mended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on
the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31mm (12 mils).
0.102mm (0.004”) Thick GaAs MMIC
Wire Bond
RF Ground Plane
0.127mm (0.005”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 1.
0.102mm (0.004”) Thick GaAs MMIC
Wire Bond
RF Ground Plane
0.254mm (0.010”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 2.
0.150mm (0.005”) Thick
Moly Tab
v02.0109
HMC591
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 6 - 10 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com