Electronic Components Datasheet Search
  English  ▼

X  

TC4404EPA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4404EPA
Description  1.5A Dual Open-Drain MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404EPA Datasheet(HTML) 3 Page - Microchip Technology

  TC4404EPA Datasheet HTML 1Page - Microchip Technology TC4404EPA Datasheet HTML 2Page - Microchip Technology TC4404EPA Datasheet HTML 3Page - Microchip Technology TC4404EPA Datasheet HTML 4Page - Microchip Technology TC4404EPA Datasheet HTML 5Page - Microchip Technology TC4404EPA Datasheet HTML 6Page - Microchip Technology TC4404EPA Datasheet HTML 7Page - Microchip Technology TC4404EPA Datasheet HTML 8Page - Microchip Technology TC4404EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2002-2016 Microchip Technology Inc.
DS20001418E-page 3
TC4404/TC4405
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .....................................................+22V
Power Dissipation (TA 70°C)
PDIP..................................................... 730 mW
SOIC .................................................... 470 mW
Operating Temperature Range
C Version ........................................ 0°C to +70°C
E Version...................................... -40°C to +85°C
Storage Temperature Range.............. -65°C to +150°C
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at those or any other conditions
above those indicated in the operational sections of this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise specified, all limits apply for typical values at ambient temperature
TA = +25°C, with 4.5V  VDD  18V.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Logic 1, High Input Voltage
VIH
2.4
—
—
V
Logic 0, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
–1
—
1
A0VVINVDD
Output
High Output Voltage
VOH VDD – 0.025
—
—
V
Low Output Voltage
VOL
—
—
0.025
V
Output Resistance
RO
—7
10
IOUT = 10 mA, VDD = 18V;
any drain
Peak Output Current (Any Drain)
IPK
—
1.5
—
A
Duty cycle
2%, t 300 sec
Continuous Output Current
(Any Drain)
IDC
—
—
100
mA
Latch-Up Protection (Any Drain)
Withstand Reverse Current
IR
—
> 500
—
mA
Duty cycle
2%, t 300 sec
Switching Time (Note 1)
Rise Time
tR
—25
30
ns
Figure 4-1, CL = 1000 pF
Fall Time
tF
—25
30
ns
Figure 4-1, CL = 1000 pF
Delay Time
tD1
—15
30
ns
Figure 4-1, CL = 1000 pF
Delay Time
tD2
—32
50
ns
Figure 4-1, CL = 1000 pF
Power Supply
Power Supply Current
IS
—
—
—
—
4.5
0.4
mA
VIN = 3V (both inputs)
VIN = 0V (both inputs)
Note 1: Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com