Electronic Components Datasheet Search
  English  ▼

X  

TC4404EPA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4404EPA
Description  1.5A Dual Open-Drain MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404EPA Datasheet(HTML) 1 Page - Microchip Technology

  TC4404EPA Datasheet HTML 1Page - Microchip Technology TC4404EPA Datasheet HTML 2Page - Microchip Technology TC4404EPA Datasheet HTML 3Page - Microchip Technology TC4404EPA Datasheet HTML 4Page - Microchip Technology TC4404EPA Datasheet HTML 5Page - Microchip Technology TC4404EPA Datasheet HTML 6Page - Microchip Technology TC4404EPA Datasheet HTML 7Page - Microchip Technology TC4404EPA Datasheet HTML 8Page - Microchip Technology TC4404EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2002-2016 Microchip Technology Inc.
DS20001418E-page 1
TC4404/TC4405
Features
• Independently Programmable Rise and Fall Times
• Low Output Impedance: 7
 Typical
• High Speed tR, tF: <30 ns with 1000 pF Load
• Short Delay Times: <30 ns
• Wide Operating Range: 4.5V to 18V
• Latch-Up Protected: withstands > 500 mA
Reverse Current (Either Polarity)
• Input Withstands Negative Swings up to -5V
Applications
• Motor Controls
• Driving Bipolar Transistors
• Driver for Non-Overlapping Totem Poles
• Reach-Up/Reach-Down Driver
General Description
The
TC4404/TC4405
are
CMOS
buffer-drivers
constructed with complementary MOS outputs, where
the drains of the totem-pole output have been left
separated so that individual connections can be made
to the pull-up and pull-down sections of the output. This
allows the insertion of drain-current-limiting resistors in
the pull-up and/or pull-down sections, allowing the user
to define the rates of rise and fall for a capacitive load.
It also enables a reduced output swing, if driving a
resistive load, or limiting base current when driving a
bipolar transistor. Minimum rise and fall times, with no
resistors, will be less than 30 ns for a 1000 pF load.
For driving MOSFETs in motor-control applications,
where slow-ON/fast-OFF operation is desired, these
devices are superior to the previously used technique
of adding a diode-resistor combination between the
driver output and the MOSFET, because they allow
accurate control of turn-on, while maintaining fast
turn-off and maximum noise immunity for an OFF
device.
When used to drive bipolar transistors, these drivers
maintain the high speeds common to other Microchip
drivers. They allow insertion of a base current-limiting
resistor, while providing a separate half-output for fast
turn-off. By proper positioning of the resistor, either
NPN or PNP transistors can be driven.
For driving many loads in low-power regimes, these
drivers require significantly less power at higher
frequencies and can be helpful in meeting low-power
budgets as they eliminate shoot-through currents in the
output stage.
Package Type
TABLE 1:
DEVICE SELECTION TABLE
Part Number
Package
Temp. Range
TC4404COA
8-Lead SOIC
0°C to +70°C
TC4404CPA
8-Lead PDIP
0°C to +70°C
TC4404EOA
8-Lead SOIC
-40°C to +85°C
TC4404EPA
8-Lead PDIP
-40°C to +85°C
TC4405COA
8-Lead SOIC
0°C to +70°C
TC4405CPA
8-Lead PDIP
0°C to +70°C
TC4405EOA
8-Lead SOIC
-40°C to +85°C
TC4405EPA
8-Lead PDIP
-40°C to +85°C
45
B BOTTOM
GND
36
B TOP
IN B
2
7
A BOTTOM
IN A
18
VDD
A TOP
45
B BOTTOM
GND
36
B TOP
IN B
2
7
A BOTTOM
IN A
18
VDD
A TOP
TC4405
8-Lead PDIP/SOIC
TC4404
1.5A Dual Open-Drain MOSFET Drivers


Similar Part No. - TC4404EPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4404EPA TELCOM-TC4404EPA Datasheet
84Kb / 6P
1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404EPA MICROCHIP-TC4404EPA Datasheet
503Kb / 16P
1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404EPA MICROCHIP-TC4404EPA Datasheet
607Kb / 16P
1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404EPA MICROCHIP-TC4404EPA Datasheet
503Kb / 18P
1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
More results

Similar Description - TC4404EPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4404 TELCOM-TC4404 Datasheet
84Kb / 6P
1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
Microchip Technology
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
1.5A Dual Open-Drain MOSFET Drivers
2006
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
Dual Buffers / Drivers with Open Drain
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Calogic, LLC
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
1.5A Dual High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com