Electronic Components Datasheet Search
  English  ▼

X  

LAN88730AM-C Datasheet(PDF) 77 Page - Microchip Technology

Part # LAN88730AM-C
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN88730AM-C Datasheet(HTML) 77 Page - Microchip Technology

Back Button LAN88730AM-C Datasheet HTML 73Page - Microchip Technology LAN88730AM-C Datasheet HTML 74Page - Microchip Technology LAN88730AM-C Datasheet HTML 75Page - Microchip Technology LAN88730AM-C Datasheet HTML 76Page - Microchip Technology LAN88730AM-C Datasheet HTML 77Page - Microchip Technology LAN88730AM-C Datasheet HTML 78Page - Microchip Technology LAN88730AM-C Datasheet HTML 79Page - Microchip Technology LAN88730AM-C Datasheet HTML 80Page - Microchip Technology LAN88730AM-C Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
 2012-2015 Microchip Technology Inc.
DS60001256B-page 77
LAN88730
Rev. 1.1
(12-10-12)
Section 3.8.1.1, "LED1 Polarity
Selection"
• Removed section “REGOFF and LED1 Polarity
Selection”
• Added new section
Section 3.8.9.1, "Near-end Loopback"
Added cross-reference to 100 Mbps internal
loopback timing section
Section 3.9.2, "Power Supply Diagram
(1.2 V Supplied by Internal Regulator)"
Updated figures since REGOFF is no longer
available.
Former section “Power Supply Diagram
(1.2 V Supplied by External Source)”
Removed
Section 4.2.2, "Basic Status Register"
Updated definitions of bits 10:8
Section 4.2.12, "Special Control/Status
Indications Register"
Updated bit 11 definition
Section 4.2.15, "PHY Special
Control/Status Register"
Updated bit 6 definition
Section 5.1, "Absolute Maximum
Ratings*"
• Removed “Digital Core Supply Voltage”
• Changed positive voltage on input signal pins
from “VDDIO + 2.0 V” to “VDDIO + 0.3 V”
• Changed negative voltage on input signal pins
from “-0.5 V” to “-0.3 V”
Section 5.2, "Operating Conditions**"
• Removed “Digital Core Supply Voltage”
• Changed Ethernet magnetics supply voltage
from “+2.25 V to 3.6 V” to “+3.0 V to 3.6 V”
Section 5.3, Table 5-1, “Package
Thermal Parameters”
Updated package thermal specification values
Section 5.4, "Voltage Regulator
Characteristics"
Added new section
Section 5.5, "Power Consumption"
Restructured Table 5-3, "Power Consumption" and
updated all values
Section 5.6, "DC Specifications"
Updated/restructured Table 5-4, "Non-Variable I/O
Buffer Characteristics", Table 5-5, "Variable I/O
Buffer Characteristics" and Table 5-6, "100BASE-TX
Transceiver Characteristics"
Section 5.7.2, "Power Sequence
Timing"
Updated power sequencing requirements
Section 5.7.3, "Power-On nRST &
Configuration Strap Timing"
Updated Table 5-9, "Power-On nRST &
Configuration Strap Timing Values"
Section 5.7.4, "MII Interface Timing"
Updated Table 5-10, "MII Receive Timing Values"
and Table 5-11, "MII Transmit Timing Values"
Section 5.7.5, "RMII Interface Timing"
Added note detailing CRS_DV behavior as both
carrier sense and data valid, updated Table 5-12,
"RMII Timing Values"
Rev. 1.0
(04-30-12)
Initial Release
REVISION LEVEL
& DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com