Electronic Components Datasheet Search
  English  ▼

X  

LAN9118 Datasheet(PDF) 97 Page - Microchip Technology

Part # LAN9118
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9118 Datasheet(HTML) 97 Page - Microchip Technology

Back Button LAN9118 Datasheet HTML 93Page - Microchip Technology LAN9118 Datasheet HTML 94Page - Microchip Technology LAN9118 Datasheet HTML 95Page - Microchip Technology LAN9118 Datasheet HTML 96Page - Microchip Technology LAN9118 Datasheet HTML 97Page - Microchip Technology LAN9118 Datasheet HTML 98Page - Microchip Technology LAN9118 Datasheet HTML 99Page - Microchip Technology LAN9118 Datasheet HTML 100Page - Microchip Technology LAN9118 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
 2005-2016 Microchip Technology Inc.
DS00002266A-page 97
LAN9118
6.7
TX Data FIFO Direct PIO Writes
In this mode the upper address inputs are not decoded, and any write to the LAN9118 will write the TX Data FIFO. This
mode is enabled when FIFO_SEL is driven high during a write access. This is normally accomplished by connecting the
FIFO_SEL signal to a high-order address line. This mode is useful when the host processor must increment its address
when accessing the LAN9118. Timing is identical to a PIO write, and the FIFO_SEL signal has the same timing charac-
teristics as the address lines.
Timing for 16-bit and 32-bit cycles is identical with the exception that D[31:16] is ignored during a 16-bit write. Note that
address lines A[2:1] are still used when the LAN9118 is operating in 32-bit and 16-bit mode. Address bits A[7:3] are
ignored.
FIGURE 6-7:
TX DATA FIFO DIRECT PIO WRITE TIMING
Note:
The “Data Bus” width is 32 bits with optional support for 16-bit bus widths.
TABLE 6-7:
TX DATA FIFO DIRECT PIO WRITE TIMING
Symbol
Description
MIN
TYP
MAX
Units
tcycle
Write Cycle Time
45
ns
tcsl
nCS, nWR Assertion Time
32
ns
tcsh
nCS, nWR Deassertion Time
13
ns
tasu
Address, FIFO_SEL Setup to nCS, nWR Assertion
0
ns
tah
Address, FIFO_SEL Hold Time
0
ns
tdsu
Data Setup to nCS, nWR Deassertion
7
ns
tdh
Data Hold Time
0
ns
Note:
A TX Data FIFO Direct PIO Write cycle begins when both nCS and nWR are asserted. The cycle ends
when either or both nCS and nWR are deasserted. They may be asserted and deasserted in any order.
Data Bus
nCS, nWR
FIFO_SEL
A[2:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com