Electronic Components Datasheet Search
  English  ▼

X  

LAN9118 Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN9118
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9118 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN9118 Datasheet HTML 9Page - Microchip Technology LAN9118 Datasheet HTML 10Page - Microchip Technology LAN9118 Datasheet HTML 11Page - Microchip Technology LAN9118 Datasheet HTML 12Page - Microchip Technology LAN9118 Datasheet HTML 13Page - Microchip Technology LAN9118 Datasheet HTML 14Page - Microchip Technology LAN9118 Datasheet HTML 15Page - Microchip Technology LAN9118 Datasheet HTML 16Page - Microchip Technology LAN9118 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
 2005-2016 Microchip Technology Inc.
DS00002266A-page 13
LAN9118
Note 2-1
Please refer to the Microchip application note AN 12.5 titled “Designing with the LAN9118 - Getting
Started”. It is also important to note that this application note applies to the whole Microchip LAN9118
family of Ethernet controllers. However, subtle differences may apply.
2.1
Buffer Types
1,66
Core Ground
GND_CORE
P
2
Ground for internal digital logic
7
PLL Power
VDD_PLL
P
1
1.8V Power from the internal PLL
regulator. This external pin must be
connected to a 10uF 0.1-Ohm ESR
capacitor, in parallel with a 0.01uF
capacitor to Ground. This pin must not
be used to supply power to other
external devices. See Note 2-1
4
PLL Ground
VSS_PLL
P
1
GND for the PLL
8
Reference Power
VDD_REF
P
1
Connected to 3.3v power and used as
the reference voltage for the internal
PLL
11
Reference Ground
VSS_REF
P
1
Ground for internal PLL reference
voltage
TABLE 2-6:
BUFFER TYPES
Type
Description
I
Input pin
IS
Schmitt triggered Input
O12
Output with 12mA sink and 12mA source
OD12
Open-drain output with 12mA sink
IO8
I/O with 8mA symmetrical drive
OD8
Open-drain output with 8mA sink
O8
Output 8mA symmetrical drive
PU
50uA (typical) internal pull-up
PD
50uA (typical) internal pull-down
AI
Analog input
AO
Analog output
AIO
Analog bi-directional
ICLK
Crystal oscillator input pin
OCLK
Crystal oscillator output pin
TABLE 2-5:
SYSTEM AND POWER SIGNALS (CONTINUED)
Pin No.
Name
Symbol
Buffer
Type
# Pins
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com