Electronic Components Datasheet Search
  English  ▼

X  

LAN8741A Datasheet(PDF) 27 Page - Microchip Technology

Part # LAN8741A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A Datasheet(HTML) 27 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 23Page - Microchip Technology LAN8741A Datasheet HTML 24Page - Microchip Technology LAN8741A Datasheet HTML 25Page - Microchip Technology LAN8741A Datasheet HTML 26Page - Microchip Technology LAN8741A Datasheet HTML 27Page - Microchip Technology LAN8741A Datasheet HTML 28Page - Microchip Technology LAN8741A Datasheet HTML 29Page - Microchip Technology LAN8741A Datasheet HTML 30Page - Microchip Technology LAN8741A Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 27
LAN8741A/LAN8741Ai
3.5
Serial Management Interface (SMI)
The Serial Management Interface is used to control the device and obtain its status. This interface supports registers 0
through 6 as required by clause 22 of the 802.3 standard, as well as “vendor-specific” registers 16 to 31 allowed by the
specification. Device registers are detailed in Chapter 4, "Register Descriptions".
At the system level, SMI provides 2 signals: MDIO and MDC. The MDC signal is an aperiodic clock provided by the
Station Management Controller (SMC). MDIO is a bi-directional data SMI input/output signal that receives serial data
(commands) from the controller SMC and sends serial data (status) to the SMC. The minimum time between edges of
the MDC is 160 ns. There is no maximum time between edges. The minimum cycle time (time between two consecutive
rising or two consecutive falling edges) is 400 ns. These modest timing requirements allow this interface to be easily
driven by the I/O port of a microcontroller.
The data on the MDIO line is latched on the rising edge of the MDC. The frame structure and timing of the data is shown
in Figure 3-5 and Figure 3-6. The timing relationships of the MDIO signals are further described in Section 5.6.5, "SMI
Timing".
FIGURE 3-5:
MDIO TIMING AND FRAME STRUCTURE - READ CYCLE
FIGURE 3-6:
MDIO TIMING AND FRAME STRUCTURE - WRITE CYCLE
MDC
MDIO
Read Cycle
...
32 1's
0110
A4 A3 A2 A1 A0 R4 R3 R2 R1 R0
D1
...
D15 D14
D0
Preamble
Start of
Frame
OP
Code
PHY Address
Register Address
Turn
Around
Data
Data From Phy
Data To Phy
MDC
MDIO
...
32 1's
0
1
1
0
A4A3A2A1A0 R4 R3 R2 R1 R0
Write Cycle
D15 D14
D1
D0
...
Data
Preamble
Start of
Frame
OP
Code
PHY Address
Register Address
Turn
Around
Data To Phy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com