Electronic Components Datasheet Search
  English  ▼

X  

LAN8741A Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN8741A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A Datasheet(HTML) 1 Page - Microchip Technology

  LAN8741A Datasheet HTML 1Page - Microchip Technology LAN8741A Datasheet HTML 2Page - Microchip Technology LAN8741A Datasheet HTML 3Page - Microchip Technology LAN8741A Datasheet HTML 4Page - Microchip Technology LAN8741A Datasheet HTML 5Page - Microchip Technology LAN8741A Datasheet HTML 6Page - Microchip Technology LAN8741A Datasheet HTML 7Page - Microchip Technology LAN8741A Datasheet HTML 8Page - Microchip Technology LAN8741A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
 2013-2015 Microchip Technology Inc.
DS00001988A-page 1
Highlights
• Single-Chip Ethernet Physical Layer Transceiver
(PHY)
• Compliant with Energy Efficient Ethernet 802.3az
• Comprehensive flexPWR technology
- Flexible power management architecture
- LVCMOS Variable I/O voltage range: +1.8 V to
+3.3 V
- Integrated 1.2 V regulator with disable feature
• HP Auto-MDIX support
• Small footprint 32-pin VQFN, RoHS-compliant
package (5 x 5 x 0.9 mm height)
• Deterministic 100 Mb internal loopback latency
(MII Mode)
Target Applications
• Set-Top Boxes
• Networked Printers and Servers
• Test Instrumentation
• LAN on Motherboard
• Embedded Telecom Applications
• Video Record/Playback Systems
• Cable Modems/Routers
• DSL Modems/Routers
• Digital Video Recorders
• IP and Video Phones
• Wireless Access Points
• Digital Televisions
• Digital Media Adapters/Servers
• Gaming Consoles
• POE Applications
(Refer to Microchip Application Note 17.18)
Key Benefits
• High-performance 10/100 Ethernet transceiver
- Compliant with IEEE802.3/802.3u (Fast Ethernet)
- Compliant with ISO 802-3/IEEE 802.3
(10BASE-T)
- Compliant with Energy Efficient Ethernet IEEE
802.3az
- Loop-back modes
- Auto-negotiation
- Automatic polarity detection and correction
- Link status change wake-up detection
- Vendor specific register functions
- Supports both MII and the reduced pin count RMII
interface
• Power and I/Os
- Various low power modes
- Integrated power-on reset circuit
- Two status LED outputs
- May be used with a single 3.3 V supply
• Additional Features
- Ability to use a low cost 25 MHz crystal for
reduced BOM
• Packaging
- 32-pin VQFN (5 x 5 mm), RoHS-compliant
package with MII and RMII
• Environmental
- Commercial temperature range (0°C to +70°C)
- Industrial temperature range (-40°C to +85°C)
LAN8741A/LAN8741Ai
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet
Transceiver with HP Auto-MDIX and flexPWR®
Technology


Similar Part No. - LAN8741A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8740 MICROCHIP-LAN8740 Datasheet
1Mb / 136P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740A-EN MICROCHIP-LAN8740A-EN Datasheet
1Mb / 136P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740A-EN-TR MICROCHIP-LAN8740A-EN-TR Datasheet
1Mb / 136P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740Ai-EN MICROCHIP-LAN8740Ai-EN Datasheet
1Mb / 136P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
More results

Similar Description - LAN8741A

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
logo
SMSC Corporation
LAN8187 SMSC-LAN8187_11 Datasheet
1Mb / 78P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com