Electronic Components Datasheet Search
  English  ▼

X  

LAN8740Ai-EN Datasheet(PDF) 28 Page - Microchip Technology

Part # LAN8740Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740Ai-EN Datasheet(HTML) 28 Page - Microchip Technology

Back Button LAN8740Ai-EN Datasheet HTML 24Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 25Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 26Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 27Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 28Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 29Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 30Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 31Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 28
2013-2015 Microchip Technology Inc.
3.4.3
MII VS. RMII CONFIGURATION
The device must be configured to support the MII or RMII bus for connectivity to the MAC. This configuration is done
via the RMIISEL configuration strap. MII or RMII mode selection is configured based on the strapping of the RMIISEL
configuration strap as described in Section 3.7.3, "RMIISEL: MII/RMII Mode Configuration". Additionally, the MII/RMII
interface can be disabled (outputs driven low) via the Interface Disable bit of the Wakeup Control and Status Register
(WUCSR).
Most of the MII and RMII pins are multiplexed. Table 3-2, "MII/RMII Signal Mapping" describes the relationship of the
related device pins to the MII and RMII mode signal names.
Note 1: The RXER signal is optional on the RMII bus. This signal is required by the transceiver, but it is optional for
the MAC. The MAC can choose to ignore or not use this signal.
2: In RMII mode, this pin needs to be tied to VSS.
TABLE 3-2:
MII/RMII SIGNAL MAPPING
Pin Name
MII Mode
RMII Mode
TXD0
TXD0
TXD0
TXD1
TXD1
TXD1
TXEN
TXEN
TXEN
RXER/
RXD4/PHYAD0
RXER
RXER
(see Note 1)
COL/CRS_DV/MODE2
COL
CRS_DV
RXD0/MODE0
RXD0
RXD0
RXD1/MODE1
RXD1
RXD1
TXD2
TXD2
(see Note 2)
TXD3
TXD3
(see Note 2)
nINT/TXER/TXD4
TXER/
TXD4
CRS
CRS
RXDV
RXDV
RXD2/RMIISEL
RXD2
RXD3/PHYAD2
RXD3
TXCLK
TXCLK
RXCLK/PHYAD1
RXCLK
XTAL1/CLKIN
XTAL1/CLKIN
REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com