Electronic Components Datasheet Search
  English  ▼

X  

LAN8740Ai-EN Datasheet(PDF) 47 Page - Microchip Technology

Part # LAN8740Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740Ai-EN Datasheet(HTML) 47 Page - Microchip Technology

Back Button LAN8740Ai-EN Datasheet HTML 43Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 44Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 45Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 46Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 47Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 48Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 49Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 50Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 47
LAN8740A/LAN8740Ai
FIGURE 3-13:
TDR USAGE FLOW DIAGRAM
Disable AMDIX and Force MDI (or MDIX)
Write PHY Reg 27: 0x8000 (MDI)
- OR -
Write PHY Reg 27: 0xA000 (MDIX)
TDR Channel Status Complete?
Disable ANEG and Force 100Mb Full-
Duplex
Write PHY Reg 0: 0x2100
Enable TDR
Write PHY Reg 25: 0x8000
NO
Reg 25.8 == 0
YES
Reg 25.8 == 1
Check TDR Control/Status Register
Read PHY Reg 25: 0x8000
Save:
TDR Channel Type (Reg 25.10:9)
TDR Channel Length (Reg 25.7:0)
MDIX Case Tested?
YES
Repeat Testing
in MDIX Mode
Done
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com