Electronic Components Datasheet Search
  English  ▼

X  

LAN8740Ai-EN Datasheet(PDF) 107 Page - Microchip Technology

Part # LAN8740Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740Ai-EN Datasheet(HTML) 107 Page - Microchip Technology

Back Button LAN8740Ai-EN Datasheet HTML 103Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 104Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 105Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 106Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 107Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 108Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 109Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 110Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 107
LAN8740A/LAN8740Ai
4.3.22
VENDOR SPECIFIC 1 MMD DEVICES PRESENT 2 REGISTER
Index (In Decimal):
30.6
Size:
16 bits
Bits
Description
Type
Default
15
Vendor Specific Device 2 Present
0 = Vendor specific device 2 not present in package
1 = Vendor specific device 2 present in package
RO
0b
14
Vendor Specific Device 1 Present
0 = Vendor specific device 1 not present in package
1 = Vendor specific device 1 present in package
RO
1b
13
Clause 22 Extension Present
0 = Clause 22 extension not present in package
1 = Clause 22 extension present in package
RO
0b
12:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com