Electronic Components Datasheet Search
  English  ▼

X  

HV9912 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV9912
Description  Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9912 Datasheet(HTML) 5 Page - Microchip Technology

  HV9912 Datasheet HTML 1Page - Microchip Technology HV9912 Datasheet HTML 2Page - Microchip Technology HV9912 Datasheet HTML 3Page - Microchip Technology HV9912 Datasheet HTML 4Page - Microchip Technology HV9912 Datasheet HTML 5Page - Microchip Technology HV9912 Datasheet HTML 6Page - Microchip Technology HV9912 Datasheet HTML 7Page - Microchip Technology HV9912 Datasheet HTML 8Page - Microchip Technology HV9912 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005583A-page 5
HV9912
Load Regulation of Reference
Voltage
VREFLOAD
0
—
10
mV
REF bypassed with a 0.1 µF
capacitor to GND;
IREF = 0 µA–500 µA; 
PWMD = GND
PWM DIMMING
PWMD Input Low Voltage
VPWMD(LO)
—
—
0.8
V
Note 2
PWMD Input High Voltage
VPWMD(HI)
2
—
—
V
Note 2
PWMD Pull-down Resistance
RPWMD
50
100
150
kΩ
VPWMD = 5V
GATE
GATE Short-circuit Current
ISOURCE
0.2
—
—
A
VGATE = 0V
GATE Sinking Current
ISINK
0.4
—
—
A
VGATE = VDD
GATE Output Rise Time
TRISE
—
50
85
ns
CGATE = 1 nF
GATE Output Fall Time
TFALL
—
25
45
ns
CGATE = 1 nF
OVERVOLTAGE PROTECTION
Overvoltage Rising Trip Point
VOVP,RISING 4.75
5
5.25
V
OVP rising
Overvoltage Hysteresis
VOVP,HYST
—
0.5
—
V
OVP falling
CURRENT SENSE
Leading Edge Blanking
TBLANK
100
—
280
ns
0°C < TA < +85°C
100
—
330
–40°C < TA < +125°C
Delay to Output of COMP Comparator
TDELAY1
—
—
200
ns
COMP = VDD; CLIM = REF;
CSENSE = 0 mV to 600 mV 
(step up)
Delay to Output of CLIMIT Comparator
TDELAY2
—
—
200
ns
COMP = VDD; CLIM = 300 mV;
CSENSE = 0 mV to 400 mV
(step up)
Comparator Offset Voltage
VOFFSET
–10
—
10
mV
INTERNAL TRANSCONDUCTANCE OPAMP
Gain Bandwidth Product
GBW
—
1
—
MHz
75 pF capacitance at OP pin
(Note 3)
Open-loop DC Gain
AV
60
—
—
dB
Output open
Input Common Mode Range
VCM
–0.3
—
3
V
Note 3
Output Voltage Range
VO
0.7
—
6.75
V
Note 3
Transconductance
gM
450
550
650
µA/V
Input Offset Voltage
VOFFSET
–5
—
5
mV
Input Bias Current
IBIAS
—
0.5
1
nA
Note 3
OSCILLATOR
Oscillator Frequency
fOSC1
99
106
118
kHz
RT = 500 kΩ (Note 2)
fOSC2
510
580
650
kHz
RT = 96 kΩ (Note 2)
Maximum Duty Cycle
DMAX
87
—
93
%
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: TA = 25°C and VIN = 12V unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: See Section 3.3 “Minimum Input Voltage at VIN Pin” for the minimum input voltage.
2: The specifications which apply over the full operating temperature range at
–40°C < TA < +85°C are guaranteed by design and characterization.
3: For design guidance only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com