Electronic Components Datasheet Search
  English  ▼

X  

LM3354 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3354
Description  Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3354 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3354 Datasheet HTML 1Page - National Semiconductor (TI) LM3354 Datasheet HTML 2Page - National Semiconductor (TI) LM3354 Datasheet HTML 3Page - National Semiconductor (TI) LM3354 Datasheet HTML 4Page - National Semiconductor (TI) LM3354 Datasheet HTML 5Page - National Semiconductor (TI) LM3354 Datasheet HTML 6Page - National Semiconductor (TI) LM3354 Datasheet HTML 7Page - National Semiconductor (TI) LM3354 Datasheet HTML 8Page - National Semiconductor (TI) LM3354 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
All Pins
−0.5V to 5.6V
Power Dissipation (T
A = 25˚C)
(Note 2)
Internally Limited
T
JMAX (Note 2)
150˚C
θ
JA (Note 2)
250˚C/W
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 5 sec.)
260˚C
ESD Rating (Note 3)
Human Body Model
Machine Model
1.5 kV
100V
Operating Ratings
Input Voltage (V
IN)
2.5V to 5.5V
Output Voltage (V
OUT)
1.8V to 5.0V
Ambient Temperature (T
A) (Note 2)
−40˚C to +85˚C
Junction Temperature (T
J) (Note 2)
−40˚C to +120˚C
Electrical Characteristics
Limits in standard typeface are for T
A = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: C
1 =C2 = 0.33 µF; CIN = 10 µF; COUT = 10 µF; CFIL = 1 µF; VIN = 3.5V.
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
LM3354-5.0
Output Voltage (V
OUT)
3.4V < V
IN < 5.5V;
1mA < I
LOAD < 90 mA
4.85/4.8
5.0
5.15/5.2
V
3.1V < V
IN < 5.5V;
1mA < I
LOAD < 55 mA
4.85/4.8
5.0
5.15/5.2
2.9V < V
IN < 5.5V;
1mA < I
LOAD < 30 mA
4.85/4.8
5.0
5.15/5.2
Efficiency
I
LOAD =15mA
85
%
I
LOAD = 40 mA, VIN = 3.8V
85
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 10 µF ceramic
75
mV
P-P
LM3354-4.1
Output Voltage (V
OUT)
2.9V < V
IN < 5.5V;
1mA < I
LOAD < 90 mA
3.977/3.936
4.1
4.223/4.264
V
2.5V < V
IN < 5.5V;
1mA < I
LOAD < 40 mA
3.977/3.936
4.1
4.223/4.264
Efficiency
I
LOAD =15mA
80
%
I
LOAD=70mA
75
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 10 µF ceramic
75
mV
P-P
LM3354-3.3
Output Voltage (V
OUT)
2.9V < V
IN < 5.5V;
1mA < I
LOAD < 70 mA
3.201/3.168
3.3
3.399/3.432
V
2.5V < V
IN < 5.5V;
1mA < I
LOAD < 70 mA
3.201/3.168
3.3
3.399/3.432
Efficiency
I
LOAD =15mA
90
%
I
LOAD=70mA
70
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 10 µF ceramic
75
mV
P-P
LM3354-1.8
Output Voltage (V
OUT)
2.9V < V
IN < 5.5V;
1mA < I
LOAD < 90 mA
1.728/1.710
1.8
1.872/1.89
V
2.5V < V
IN < 5.5V;
1mA < I
LOAD < 80 mA
1.728/1.710
1.8
1.872/1.89
Efficiency
I
LOAD =15mA
75
%
I
LOAD=70mA
70
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 10 µF ceramic
25
mV
P-P
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com