Electronic Components Datasheet Search
  English  ▼

X  

LM3354 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3354
Description  Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3354 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3354 Datasheet HTML 1Page - National Semiconductor (TI) LM3354 Datasheet HTML 2Page - National Semiconductor (TI) LM3354 Datasheet HTML 3Page - National Semiconductor (TI) LM3354 Datasheet HTML 4Page - National Semiconductor (TI) LM3354 Datasheet HTML 5Page - National Semiconductor (TI) LM3354 Datasheet HTML 6Page - National Semiconductor (TI) LM3354 Datasheet HTML 7Page - National Semiconductor (TI) LM3354 Datasheet HTML 8Page - National Semiconductor (TI) LM3354 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM3354
Regulated 90mA Buck-Boost Switched Capacitor DC/DC
Converter
General Description
The LM3354 is a CMOS switched capacitor DC/DC con-
verter that produces a regulated output voltage by automati-
cally stepping up (boost) or stepping down (buck) the input
voltage. It accepts an input voltage between 2.5V and 5.5V.
The LM3354 is available with standard output voltages of
1.8V, 3.3V, 4.1V (ideal for white LED applications), and 5.0V.
If other output voltage options between 1.8V and 5.0V are
desired, please contact your National Semiconductor repre-
sentative.
The LM3354’s proprietary buck-boost architecture enables
up to 90mA of load current at an average efficiency greater
than 75%. Typical operating current is only 375 µA and the
typical shutdown current is only 2.3 µA.
The LM3354 is available in a 10-pin MSOP package. This
package has a maximum height of only 1.1 mm.
The high efficiency of the LM3354, low operating and shut-
down currents, small package size, and the small size of the
overall solution make this device ideal for battery powered,
portable, and hand-held applications.
See the LM3352 for up to 200mA of output current or the
LM3355 for up to 50mA of output current.
Features
n
Regulated V
OUT with ±3% (5.0V, 4.1V, and 3.3V
options) or ±4% (1.8V option) accuracy
n
Standard output voltages of 1.8V, 3.3V, 4.1V, and 5.0V
n
Custom output voltages available from 1.8V to 5.0V in
100 mV increments with volume order
n
2.5V to 5.5V input voltage range
n
Up to 90mA (5.0V, 4.1V, and 1.8V options) or 70mA
(3.3V option) output current
n >
75% average efficiency
n
Uses few, low-cost external components
n
Very small solution size
n
375 µA typical operating current
n
2.3 µA typical shutdown current
n
1 MHz typical switching frequency
n
Architecture and control methods provide high load
current and good efficiency
n
MSOP-10 package
n
Over-temperature protection
Applications
n
White LED display backlights
n
1-cell Lilon battery-operated equipment including PDAs,
hand-held PCs, cellular phones
n
Flat panel displays
n
Hand-held instruments
n
Li-Ion, NiCd, NiMH, or alkaline battery powered systems
Typical Operating Circuit
DS200188-1
February 2002
© 2002 National Semiconductor Corporation
DS200188
www.national.com


Similar Part No. - LM3354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
National Semiconductor ...
LM3354-37 NSC-LM3354-37 Datasheet
356Kb / 11P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC
LM3354MM-3.7 NSC-LM3354MM-3.7 Datasheet
356Kb / 11P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC
logo
Texas Instruments
LM3354MM-3.7 TI1-LM3354MM-3.7 Datasheet
1Mb / 14P
LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
National Semiconductor ...
LM3354MMX-3.7 NSC-LM3354MMX-3.7 Datasheet
356Kb / 11P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC
More results

Similar Description - LM3354

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM3354-37 NSC-LM3354-37 Datasheet
356Kb / 11P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
SWITCHED CAPACITOR DC-DC CONVERTER
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
BUCK/BOOST MODE DC-DC CONVERTER
Rev 3
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com