Electronic Components Datasheet Search
  English  ▼

X  

MLX90290 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90290
Description  High Speed Programmed Linear Hall IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90290 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90290 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90290 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MLX90290
High Speed Programmed Linear Hall IC
4.
Functional Diagram
Switched
Hall Plate
Amplifier
Voltage
Regulator
Temperature
compensation
Low Pass
Filter
Analog
Output
Sensitivity
Trim
Offset
Trim
Control
Logic
GND
OUT
VDD
VDD
EEPROM
Figure 1 Functional Block Diagram MLX90290
5.
General Description
The Melexis MLX90290 is a Second Generation linear
Hall-effect sensor designed in mixed signal CMOS
technology.
The device integrates a voltage regulator, Hall sensor
with advanced offset cancellation system and an
analog output driver, all in a single package.
The Output voltage is proportional to the applied
magnetic field and to the chip supply voltage
(ratiometric).
The Output Offset Level (Quiescent Level) at zero
magnetic field equals to 50% of the chip supply voltage.
The device is offered in a RoHS compliant Thin Small
Outline Transistor (TSOT) for surface mount and UA
(TO-92) for Pin Through Hole mount.
3901090290
Page 2 of 14
Data Sheet
Rev 001
October 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com